Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHSC04020-R33M-R8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MHSC04020-R33M-R8
Description  Molding Power Choke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHSC04020-R33M-R8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MHSC04020-R33M-R8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MHSC04020-R33M-R8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MHSC04020-R33M-R8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MHSC04020-R33M-R8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MHSC04020-R33M-R8 Datasheet HTML 5Page - List of Unclassifed Manufacturers MHSC04020-R33M-R8 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Molding Power Choke – MHSC Series
MHSC Series
MHSC series is designed for low profile type with low DCR and ultra
large current, especially for height limited boards. Its molded magnetic
shielded type is suitable for high-density mounting and ultra low buzz
noise. Soldering conditions can be easily confirmed when mounting
onto board. This series also provides customers with embossed carrier
type packaging for automatic mounting machine.
Features
Applications
 RoHS compliant
 Ultra low profile on board
 Shielded construction
 Ultra low buzz noise due to molding construction
 High density DC/DC converter in height limited board
 POL converters
 High current VRM/VDR for notebook / server / desktop CPU
 High current DC/DC converter in distributed power system
 High speed charger
Product Identification
Shape and Dimensions
Recommended Pattern
Dimensions in mm
TYPE
A
B
C
D
E
F
04020
4.2±0.2 2.0
+0.2
-0.3
1.5±0.2 1.2±0.3
1.2
1.0
06022
6.6±0.2 2.2
+0.2
-0.3
3.0±0.2 1.5±0.3
1.4
1.0
06036
6.6±0.2 3.6
+0.2
-0.3
3.0±0.2 1.5±0.3
2.3
1.5
08036
8.0±0.2 3.6
+0.2
-0.3
6.0±0.2 2.0±0.3
2.3
1.3±0.2
Dimensions in mm
TYPE
A
B
C
D
04020
2.0
6.5
1.8
4.5
06022
3.5
9.5
2.2
6.9
06036
3.5
9.5
2.2
6.9
08036
6.0
11.9
3.0
8.4


Similar Part No. - MHSC04020-R33M-R8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MHS LITTELFUSE-MHS Datasheet
305Kb / 4P
Multilayer High Speed Transient Voltage Surge Suppressor
logo
MERITEK ELECTRONICS COR...
MHS MERITEK-MHS Datasheet
323Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
logo
Copal Electronics
MHS COPAL-MHS Datasheet
839Kb / 6P
Hyper-miniature Slide Switches
logo
Tyco Electronics
MHS MACOM-MHS Datasheet
649Kb / 15P
Slide Switches, Low Profile, Instrumentation Grade
logo
Mean Well Enterprises C...
MHS012 MEANWELL-MHS012 Datasheet
57Kb / 1P
Mounting Accessories
More results

Similar Description - MHSC04020-R33M-R8

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
VSEB0530H CODACA-VSEB0530H Datasheet
746Kb / 5P
Molding Power Choke
07/14/2020
VSEB0730H CODACA-VSEB0730H Datasheet
752Kb / 5P
Molding Power Choke
07/14/2020
CSAB0750 CODACA-CSAB0750 Datasheet
975Kb / 10P
Molding Power Choke
07/14/2020
CSAB1030A CODACA-CSAB1030A Datasheet
1Mb / 10P
Molding Power Choke
07/14/2020
CSAB1040A CODACA-CSAB1040A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB1250A CODACA-CSAB1250A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB107050 CODACA-CSAB107050 Datasheet
707Kb / 5P
Molding Power Choke
07/14/2020
CSAB1265A CODACA-CSAB1265A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAC0530 CODACA-CSAC0530 Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSHB0410 CODACA-CSHB0410 Datasheet
792Kb / 7P
Molding Power Choke
07/14/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com