Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHSC04020-R33M-R8 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MHSC04020-R33M-R8
Description  Molding Power Choke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHSC04020-R33M-R8 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MHSC04020-R33M-R8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MHSC04020-R33M-R8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MHSC04020-R33M-R8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MHSC04020-R33M-R8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MHSC04020-R33M-R8 Datasheet HTML 5Page - List of Unclassifed Manufacturers MHSC04020-R33M-R8 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Molding Power Choke – MHSC Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHSC06022-R22M-R8
0.22
20
100
18
28
6
MHSC06022-R82M-R8
0.82
20
100
9.5
18
13.8
MHSC06022-1R0M-R8
1.0
20
100
9
16
15.4
MHSC06022-2R2M-R8
2.2
20
100
6
10.5
29.8
Irms DC current (A) that will cause an approximate ΔT of 40℃
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:WK3260B Impedance / Material Analyzer
Inductance v.s DC Current
0
0.5
1
1.5
2
2.5
3
3.5
4
0246
8
10
12
14
16
18
20
22 24
26
28
30
DC Current (A)
R22
R82
1R0
2R2
Temperature Change v.s DC Current
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
5
10
15
20
25
30
DC Current (A)
R22
R82
1R0
2R2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com