Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHCI04015-2R2M-R8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MHCI04015-2R2M-R8
Description  Molding Power Choke
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHCI04015-2R2M-R8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MHCI04015-2R2M-R8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 5Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 6Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 7Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 8Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Molding Power Choke – MHCC/MHCI Series
MHCC、MHCI Series
MHCC series is designed for low profile type with low RDC and ultra
large current. Its molded magnetic shielded type is suitable for
high-density mounting and ultra low buzz noise. Soldering conditions
can be easily confirmed when mounting onto the board. This series
also provides customers with embossed carrier type packaging for
automatic mounting machine.
Features
Applications
 RoHS compliant
 Low profile type
 Shielded construction
 Ultra low buzz noise due to molding construction
 High density DC/DC converters
 POL converters
 High current VRM/VRD for notebook / Server / desktop CPUs
 High speed charger
 For thickness less than 1.2mm, suitable for low profile applications
e.g., Ultra thin NB/Monitor/TV/Tablet
Product Identification
Shape and Dimensions
Recommended Pattern
Dimensions in mm
TYPE
A
B Max
C Max
D
F
04012
4.1±0.2
4.6±0.2
1.2
1.5±0.3
1.0±0.5
04015
4.1±0.2
4.6±0.2
1.5
1.5±0.3
1.0±0.5
04020
4.1±0.2
4.6±0.2
2.0
1.5±0.3
1.0±0.5
05012
5.4±0.35 5.7±0.2
1.2
2.0±0.3
1.5±0.3
05015
5.4±0.35 5.7±0.2
1.5
2.0±0.3
1.5±0.3
05018
5.4±0.35 5.7±0.2
1.8
2.0±0.3
1.5±0.3
05020
5.4±0.35 5.7±0.2
1.8±0.2
2.0±0.3
1.5±0.3
05030
5.4±0.35 5.7±0.2
3.0
2.0±0.3
1.5±0.3
06012
6.6±0.2
7.3
1.2
2.9
1.6±0.5
06015
6.6±0.2
7.3
1.3±0.2
2.9
1.6±0.5
06018
6.6±0.2
7.3
1.6±0.2
2.9
1.6±0.5
06024
6.6±0.2
7.3
2.4
2.9
1.6±0.5
06030
6.6±0.2
7.3
3.0
2.9
1.6±0.5
10030
10.1±0.3
11.6
3.0
3.0
2.5±0.5
10040
10.1±0.3
11.6
4.0
3.0
2.5±0.5
12035
12.6±0.2
13.8
3.5
3.7
2.7±0.7
12050
12.6±0.2
13.8
5.0
3.7
2.7±0.7
12060
12.6±0.2
13.8
6.0
3.7
2.7±0.7
Dimensions in mm
TYPE
A
B
C
04012
2.5
3.7
1.5
04015
2.5
3.7
1.5
04020
2.5
3.7
1.5
05012
2.5
4.1
1.9
05015
2.5
4.1
1.9
05018
2.5
4.1
1.9
05020
2.5
4.1
1.9
05030
2.5
4.1
1.9
06012
3.5
6.05
2.35
06015
3.5
6.05
2.35
06018
3.5
6.05
2.35
06024
3.5
6.05
2.35
06030
3.5
6.05
2.35
10030
4.0
9.5
3.5
10040
4.0
9.5
3.5
12035
5.0
10.5
4.0
12050
5.0
10.5
4.0
12060
5.0
10.5
4.0


Similar Part No. - MHCI04015-2R2M-R8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MHCI04020-100M-R8 LEIDITECH-MHCI04020-100M-R8 Datasheet
2Mb / 7P
This specification applies to large current and low loss SMD shielding power inductor.
MHCI04020-1R0M-R8 LEIDITECH-MHCI04020-1R0M-R8 Datasheet
2Mb / 7P
This specification applies to large current and low loss SMD shielding power inductor.
MHCI04020-1R5M-R8 LEIDITECH-MHCI04020-1R5M-R8 Datasheet
2Mb / 7P
This specification applies to large current and low loss SMD shielding power inductor.
MHCI04020-2R2M-R8 LEIDITECH-MHCI04020-2R2M-R8 Datasheet
2Mb / 7P
This specification applies to large current and low loss SMD shielding power inductor.
MHCI04020-3R3M-R8 LEIDITECH-MHCI04020-3R3M-R8 Datasheet
2Mb / 7P
This specification applies to large current and low loss SMD shielding power inductor.
More results

Similar Description - MHCI04015-2R2M-R8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHSC ETC2-MHSC Datasheet
335Kb / 6P
Molding Power Choke
logo
Shenzhen Codaca Electro...
VSEB0530H CODACA-VSEB0530H Datasheet
746Kb / 5P
Molding Power Choke
07/14/2020
VSEB0730H CODACA-VSEB0730H Datasheet
752Kb / 5P
Molding Power Choke
07/14/2020
CSAB0750 CODACA-CSAB0750 Datasheet
975Kb / 10P
Molding Power Choke
07/14/2020
CSAB1030A CODACA-CSAB1030A Datasheet
1Mb / 10P
Molding Power Choke
07/14/2020
CSAB1040A CODACA-CSAB1040A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB1250A CODACA-CSAB1250A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB107050 CODACA-CSAB107050 Datasheet
707Kb / 5P
Molding Power Choke
07/14/2020
CSAB1265A CODACA-CSAB1265A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAC0530 CODACA-CSAC0530 Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com