Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHCI04015-2R2M-R8 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MHCI04015-2R2M-R8
Description  Molding Power Choke
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHCI04015-2R2M-R8 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MHCI04015-2R2M-R8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 5Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 6Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 7Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 8Page - List of Unclassifed Manufacturers MHCI04015-2R2M-R8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Molding Power Choke – MHCC/MHCI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHCI04020-R10M-R8
0.10
20
100
12.0
25
4
MHCI04020-R22M-R8
0.22
20
100
9.0
12.5
6.6
MHCI04020-R47M-R8
0.47
20
100
7.0
9.5
14
MHCI04020-1R0M-R8
1.0
20
100
4.5
7.0
27
MHCI04020-1R5M-R8
1.5
20
100
4.0
6.0
46
MHCI04020-2R2M-R8
2.2
20
100
3.0
5.0
58
MHCI04020-3R3M-R8
3.3
20
100
2.5
4.0
87
MHCI04020-4R7M-R8
4.7
20
100
2.2
3.0
105
MHCI04020-6R8M-R8
6.8
20
100
2.0
2.5
135
MHCI04020-8R2M-R8
8.2
20
100
2.0
2.5
216
MHCI04020-100M-R8
10
20
100
1.6
2.0
258
 Irms
DC current (A) that will cause an approximate ΔT of 40℃
 Isat
DC current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:
WK3260B Impedance / Material Analyzer
Inductance vs DC Current
0
1
2
3
4
5
6
7
8
9
10
11
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
DC Current(A)
3R3
2R2
1R5
R47
R22
R10
4R7
1R0
100
6R8
8R2
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
1416
182022
DC Current(A)
3R3
2R2 1R5
R47
R22
R10
4R7
1R0
100
8R2
6R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com