Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EST1AF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # EST1AF
Description  Plastic package has Underwriters Laboratory
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

EST1AF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  EST1AF Datasheet HTML 1Page - Pan Jit International Inc. EST1AF Datasheet HTML 2Page - Pan Jit International Inc. EST1AF Datasheet HTML 3Page - Pan Jit International Inc. EST1AF Datasheet HTML 4Page - Pan Jit International Inc. EST1AF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
EST1AF SERIES
January 3,2014-REV.01
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Flame Retardant Epoxy Molding Compound
• Exceeds environmental standards of MIL-S-19500/228
• Super fast recovery times, high voltage
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
SUPERFAST RECOVERY RECTIFIERS
VOLTAGE
50~400 Volt
1 Ampere
CURRENT
MECHANICAL DATA
Case : SMAF Molded Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Polarity : Color band denotes cathode end
Standard packaging : 12mm tape (EIA-481)
Weight : 0.0011 ounces, 0.0328 grams
Marking : Part number
1
2
Cathode
Anode
Note:1.Measured at 1 MHz and Applied Reverse Voltage of 4 Volts.
2.Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Recover to 0.25A.
3.Mounted on a FR4 PCB, single-sided copper, with 10cm*10cm copper pad area.
4.Mounted on a FR4 PCB, single-sided copper, mini pad.
PARAMETER
SYMBOL EST1AF EST1BF EST1CF EST1DF EST1EF EST1GF UNIT
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
300
400
V
Maximum rms voltage
VRMS
35
70
105
140
210
280
V
Maximum dc blocking voltage
VR
50
100
150
200
300
400
V
Maximum average forward rectified current
I F(AV)
1A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
I FSM
30
A
Maximum forward voltage at 1A
VF
0.95
1.25
V
Maximum dc reverse current at rated dc blocking
voltage
I R
1
A
Typical junction capacitance
(Note 1)
CJ
20
16
pF
Maximum reverse recovery time
(Note 2)
TRR
25
nS
Typical thermal resistance
(Note 3)
(Note 4)
RJL
RJA
20
150
o
C/W
Operating junction temperature range
TJ
-55 to + 150
o
C
Storage temperature range
TSTG
-55 to + 150
o
C
MAXIMUM RATINGS(TA=25oC unless otherwise noted)


Similar Part No. - EST1AF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EST1040T100MDGA TAIYO-YUDEN-EST1040T100MDGA Datasheet
347Kb / 3P
SMD Power Inductors for Automotive (POWERTRAIN, SAFETY) (Grade1)/ Industrial Applications (ES series T type)
EST1040T100MDGA TAIYO-YUDEN-EST1040T100MDGA Datasheet
391Kb / 3P
Wire-wound Ferrite Power Inductors LAYP series for Automotive Powertrain and Safety
2021/8/3
EST1040T101MDGA TAIYO-YUDEN-EST1040T101MDGA Datasheet
346Kb / 3P
SMD Power Inductors for Automotive (POWERTRAIN, SAFETY) (Grade1)/ Industrial Applications (ES series T type)
EST1040T101MDGA TAIYO-YUDEN-EST1040T101MDGA Datasheet
390Kb / 3P
Wire-wound Ferrite Power Inductors LAYP series for Automotive Powertrain and Safety
2021/8/3
EST1040T150MDGA TAIYO-YUDEN-EST1040T150MDGA Datasheet
347Kb / 3P
SMD Power Inductors for Automotive (POWERTRAIN, SAFETY) (Grade1)/ Industrial Applications (ES series T type)
More results

Similar Description - EST1AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFM105 ETC2-HFM105 Datasheet
150Kb / 2P
Plastic package has Underwriters Laboratory
H31 ETC2-H31 Datasheet
126Kb / 2P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
S11-S18 WINNERJOIN-S11-S18 Datasheet
113Kb / 2P
Plastic package has Underwriters Laboratory
logo
Yea Shin Technology Co....
MBRL120S YEASHIN-MBRL120S Datasheet
813Kb / 10P
Plastic package has Underwriters Laboratory
logo
Leshan Radio Company
1N4933 LRC-1N4933_15 Datasheet
200Kb / 7P
Plastic package has Underwriters Laboratory
1N4934 LRC-1N4934_15 Datasheet
200Kb / 7P
Plastic package has Underwriters Laboratory
DRS1M LRC-DRS1M_15 Datasheet
533Kb / 4P
Plastic package has Underwriters Laboratory
EGP10A LRC-EGP10A_15 Datasheet
305Kb / 7P
Plastic package has Underwriters Laboratory
EGP10D LRC-EGP10D_15 Datasheet
305Kb / 7P
Plastic package has Underwriters Laboratory
EGP15A LRC-EGP15A_15 Datasheet
207Kb / 7P
Plastic package has Underwriters Laboratory
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com