Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EST1AF Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # EST1AF
Description  Plastic package has Underwriters Laboratory
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

EST1AF Datasheet(HTML) 2 Page - Pan Jit International Inc.

  EST1AF Datasheet HTML 1Page - Pan Jit International Inc. EST1AF Datasheet HTML 2Page - Pan Jit International Inc. EST1AF Datasheet HTML 3Page - Pan Jit International Inc. EST1AF Datasheet HTML 4Page - Pan Jit International Inc. EST1AF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
EST1AF SERIES
January 3,2014-REV.01
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
TC , Case Temperature (°C)
0.00001
0.0001
0.001
0.01
0.1
1
10
40
80
120
160
200
Rated Peak Reverse Voltage (V)
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
Fig.3 Typical Reverse Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
110
100
VR , Reverse Bias Voltage (V)
50~200V
300~400V
50~200V
0.001
0.01
0.1
1
10
100
80
160
240
320
400
Rated Peak Reverse Voltage (V)
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C
Fig.4 Typical Reverse Characteristics
300~400V
Fig.3 Typical Reverse Characteristics
Fig.6 Typical Forward Characteristics
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
VF , Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = 75°C
300~400V
Fig.5 Typical Forward Characteristics
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
VF , Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = 75°C
50~200V
Fig.4 Typical Reverse Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com