Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP69 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DCP69
Description  20V PNP SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCP69 Datasheet(HTML) 3 Page - Diodes Incorporated

  DCP69 Datasheet HTML 1Page - Diodes Incorporated DCP69 Datasheet HTML 2Page - Diodes Incorporated DCP69 Datasheet HTML 3Page - Diodes Incorporated DCP69 Datasheet HTML 4Page - Diodes Incorporated DCP69 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DCP69/-16/-25
Document number: DS30798 Rev. 7 - 2
3 of 5
www.diodes.com
April 2012
© Diodes Incorporated
DCP69/-16/-25
0
0.4
0.8
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs. Ambient Temperature
A
1.2
1.6
2.0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
01
2
3
4
5
6
7
8
9
10
-V
, COLLECTOR EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage
I = -2mA
B
I = -4mA
B
I = -6mA
B
I = -8mA
B
I = -10mA
B
0
50
100
150
200
250
300
350
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 3 Typical DC Current Gain
vs. Collector Current (DCP69-16)
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -1V
CE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 5 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -1V
CE
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 6 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com