Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP69 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DCP69
Description  20V PNP SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCP69 Datasheet(HTML) 4 Page - Diodes Incorporated

  DCP69 Datasheet HTML 1Page - Diodes Incorporated DCP69 Datasheet HTML 2Page - Diodes Incorporated DCP69 Datasheet HTML 3Page - Diodes Incorporated DCP69 Datasheet HTML 4Page - Diodes Incorporated DCP69 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DCP69/-16/-25
Document number: DS30798 Rev. 7 - 2
4 of 5
www.diodes.com
April 2012
© Diodes Incorporated
DCP69/-16/-25
0
20
40
60
0.01
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Output Capacitance Characteristics
f = 1MHz
Cobo
0
50
100
150
200
250
020
40
60
80
100
-I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Gain-Bandwidth Product vs. Collector Current
V
= -5V
f = 100MHz
CE
Package Outline Dimensions
Suggested Pad Layout
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
—
—
4.60
e1
—
—
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions
Value (in mm)
X1
3.3
X2
1.2
Y1
1.6
Y2
1.6
C1
6.4
C2
2.3
A1
A
X2
C1
C2
X1
Y2
Y1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com