Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3555 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3555
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments LM3555 Datasheet HTML 10Page - Texas Instruments LM3555 Datasheet HTML 11Page - Texas Instruments LM3555 Datasheet HTML 12Page - Texas Instruments LM3555 Datasheet HTML 13Page - Texas Instruments LM3555 Datasheet HTML 14Page - Texas Instruments LM3555 Datasheet HTML 15Page - Texas Instruments LM3555 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
IIN
(1A/DIV)
VOUT
(5V/DIV)
VLED
(5V/DIV)
ILED
(100 mA/DIV)
Time
(200 Ps/DIV)
IIN
(1A/DIV)
VOUT
(5V/DIV)
VLED
(5V/DIV)
ILED
(100 mA/DIV)
Time
(200 Ps/DIV)
IIN
(500 mA/DIV.)
ILED
(200 mA/DIV)
Time
(800 Ps/DIV)
VLED
(2V/DIV)
VOUT
(2V/DIV)
IIN
(200 mA/DIV)
ILED
(100 mA/DIV)
Time
(100 Ps/DIV)
FTO (#)
1k
950
900
850
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
IIN
(500 mA/DIV)
ILED
(200 mA/DIV)
Time
(100 Ps/DIV)
VLED
(2V/DIV)
VOUT
(2V/DIV)
LM3555
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN1= 10 µF, CIN2= 0.1 µF, COUT = 11 µF; L = 2.2 µH.
Flash Timeout Time
vs
Startup - 2 LEDs
Flash Timeout Code
I2C Mode
Ramp-Down - 2 LEDs
Ramp-Down (Zoom) - 2 LEDs
I2C Mode
I2C Mode
Startup 2 LEDs
Ramp-Down 2 LEDs
Simple Mode
Simple Mode
12
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com