Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3555 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3555
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 17Page - Texas Instruments LM3555 Datasheet HTML 18Page - Texas Instruments LM3555 Datasheet HTML 19Page - Texas Instruments LM3555 Datasheet HTML 20Page - Texas Instruments LM3555 Datasheet HTML 21Page - Texas Instruments LM3555 Datasheet HTML 22Page - Texas Instruments LM3555 Datasheet HTML 23Page - Texas Instruments LM3555 Datasheet HTML 24Page - Texas Instruments LM3555 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
IL1
IL0
SSU
TEN OEN SEN OM1 OM0
Control Register
Address: 0x04
Default:
1
0
1
1
0
1
0
0
Definition:
LM3555
www.ti.com
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
FC3
FC2
FC1
FC0
Flash Current Level
0
1
0
0
280 mA
0
1
0
1
300 mA
0
1
1
0
320 mA (2 LEDs)
0
1
1
1
340 mA
1
0
0
0
360 mA
1
0
0
1
380 mA
1
0
1
0
400 mA (2 LED Max)
1
0
1
1
420 mA
1
1
0
0
440 mA
1
1
0
1
460 mA
1
1
1
0
480 mA
1
1
1
1
500 mA (1LED)
ASSIST LIGHT CURRENT LEVELS
AC2
AC1
AC0
Assist Current Level
0
0
0
60 mA
0
0
1
60 mA (2 LEDs)
0
1
0
60 mA
0
1
1
80 mA (1 LED)
1
0
0
100 mA
1
0
1
120 mA
1
1
0
140 mA
1
1
1
160 mA
IL1-IL0: Peak Inductor Current Limit Bits
SSU: Strobe Signal Usage. ‘0’ = Edge Sensitive, ‘1’ = Level Sensitive. ‘1’ = Default
TEN: External Torch Mode Enable. ‘0’ = Not allowed, ‘1’ = Allowed. ‘1’ = Default
OEN: Output Enable. ‘0’ = Output Disabled, ‘1’ = Output Enabled. ‘0’ = Default
SEN: Strobe Signal Mode. ‘0’ = Disabled, ‘1’ = Enabled. ‘1’ = Default
OM1-OM0: Output Mode Select Bits.
PEAK INDUCTOR CURRENT LIMIT LEVELS
IL1
IL0
Peak Inductor Current Limit
0
0
1.25A
0
1
1.50A
1
0
1.75A
1
1
2.00A
OUTPUT MODES
OM1
OM0
Output Mode
0
0
External Torch
0
1
Indicator
1
0
Assist Light
1
1
Flash
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com