Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC393 Datasheet(PDF) 1 Page - Picker Components

Part # PC393
Description  20 Amp Mi nature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC393 Datasheet(HTML) 1 Page - Picker Components

  PC393 Datasheet HTML 1Page - Picker Components PC393 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20 Amp Minature PCB Power Relay
FEATURES
PC393
Load Type
General Use
Motor
16 Amps @ 120 VAC, 240 VAC & 24 VDC
All Forms
UL/CUR RATINGS
CHARACTERISTICS
Operate Time
15 ms. Max.
Release Time
Insulation Resistance
5 ms. Max.
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
5000 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5 mm, 10 - 55 Hz
Power Consumption
0.72 Watts for standard coil, 0.55 Watts for sensitive coil
Ambient Temperature Range
-40 to 70 C, -40 to 130 C storage
Weight
18.5 grams approx.
1 HP @ 240VAC
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PC393 Rev B 3-25-04
PAGE 1
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
50 milliohms max @ 1A, 6VDC
1 X 10
7
1 X 10
5
Operations
Operations
File # E93379
All Contacts
Resistive
20 Amps @ 120 VAC, 277 VAC & 24 VDC
ORDERING INFORMATION
Example:
PC393
Model
S
Sensitivity
-1C
Coil Voltage DC: 3 to 24 volts
-H
Nil: Standard: .72 W
Enclosure
S: Sealed; C: Dust Cover
-12
H; Sensitive: .53 W
Contact Form
1A, 1B or 1C
20 Amp contact capacity
1 Form A, 1Form B & 1 form C contact forms available
4 KV dielectric strength between coil and contacts
10 mm creepage distance between coil and contacts
Sensitive version available
Meets UL 873 spacing
Sealed, immersion cleanable
Lead Free & RoHS Compliant
Nil: Not Rohs, -X: RoHS Compliant
RoHS Compliant
-X


Similar Part No. - PC393

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC393 PICKER-PC393 Datasheet
169Kb / 2P
20 Amp Minature PCB Power Relay
PC3931A-12C PICKER-PC3931A-12C Datasheet
169Kb / 2P
20 Amp Minature PCB Power Relay
PC3931A-12CH PICKER-PC3931A-12CH Datasheet
169Kb / 2P
20 Amp Minature PCB Power Relay
PC3931A-12S PICKER-PC3931A-12S Datasheet
169Kb / 2P
20 Amp Minature PCB Power Relay
PC3931A-12SH PICKER-PC3931A-12SH Datasheet
169Kb / 2P
20 Amp Minature PCB Power Relay
More results

Similar Description - PC393

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC355 PICKER-PC355 Datasheet
171Kb / 2P
20 Amp Minature PCB Power Relay
PC520 PICKER-PC520 Datasheet
162Kb / 2P
20 Amp Subminature PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
20 Amp Minature PCB Power Relay
PC420 PICKER-PC420 Datasheet
139Kb / 2P
20 Amp Subminature PCB Power Relay
PC454 PICKER-PC454_14 Datasheet
251Kb / 2P
25 Amp Mi nature PCB Power Relay
PC521 PICKER-PC521 Datasheet
203Kb / 2P
20 Amp Subminiature PCB Power Relay
PC520 PICKER-PC520_15 Datasheet
855Kb / 2P
20 Amp Subminiature PCB Power Relay
PC393 PICKER-PC393_17 Datasheet
573Kb / 2P
20 Amp Miniature PCB Power Relay
PC520 PICKER-PC520_17 Datasheet
855Kb / 2P
20 Amp Subminiature PCB Power Relay
PC521 PICKER-PC521_17 Datasheet
507Kb / 2P
20 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com