Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC393 Datasheet(PDF) 2 Page - Picker Components

Part # PC393
Description  20 Amp Mi nature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC393 Datasheet(HTML) 2 Page - Picker Components

  PC393 Datasheet HTML 1Page - Picker Components PC393 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC393
PC393
COIL DATA
Coil Voltage
5
6
9
24
48
60
Resistance ohms
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
36
50
115
200
460
820
3300
3.6
4.3
6.5
8.6
13.0
17.3
34.6
0.5
0.6
0.9
1.2
1.8
2.4
4.8
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
.590
(15)
.197
(5)
.197
(5)
.296
(7.5)
(29.0)
1.142
(26.3)
1.04
(13.0)
.512
(4.0)
.157 Typ.
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
12
18
+ 10%
Standard Coil
Sensitive Coil
5100
47
68
160
275
650
1100
4170
7000
0.72 W
0.55 W
43.2
6.0
(1.5)
.060 Dia. Typ.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com