Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC730 Datasheet(PDF) 1 Page - Picker Components

Part # PC730
Description  30 Amp Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC730 Datasheet(HTML) 1 Page - Picker Components

  PC730 Datasheet HTML 1Page - Picker Components PC730 Datasheet HTML 2Page - Picker Components PC730 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
30 Amp Power Relay
FEATURES
1/4 inch male QC terminals
Up to 30 amp switching capacity
Smallest 30 amp 2 pole relay
Up to 1 1/2 horsepower rating
Convienient flanged case or PC mounting
2A or 2C contact configuration
PC730
Load Type
General Purpose
Resistive
Motor
Voltage
250 VAC
277 VAC
28 VDC
240 VAC
120 VAC
30 A
20 A
20 A
1 1/2 HP
1 HP
UL/CUR RATINGS
CHARACTERISTICS
Operate Time
15 ms. Max.
Release Time
Insulation Resistance
10 ms. Max.
500 megohms min, at 500VDC, 50%RH
Dielectric Strength
2500 Vrms, 1 min. between coil and contacts
1500 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 2 mm, 10-50 Hz
Power Consumption
DC coil 1.8 W, AC coil 4 VA
Ambient Temperature Range
-40 to 70 C, -40 to 130 C storage
Weight
70 grams approx.
250 VAC
277 VAC
30 A
20 A
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
All Contacts
PC730 Rev A 4-13-09
2500 Vrms, 1 min. between contact poles
PAGE 1
E93379
ORDERING INFORMATION
RoHS compliant
120 VAC
30 A
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
50 milliohms max @ 1A, 6VDC
1 X 10
7
1 X 10
5
Operations
Operations
Example:
PC730
Model
Mounting Style
-2C
Contact Form
2A, or 2C
-120 A
C1 : Side Flange, C3: Top Flange, P: PC Terminals
Coil Voltage
XXD: 6 thru 48 VDC or XXX A: 6 thru 277 VAC
-C3


Similar Part No. - PC730

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
30 Amp Power Relay
More results

Similar Description - PC730

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC737 PICKER-PC737 Datasheet
189Kb / 2P
30 Amp Power Relay
logo
American Zettler, Inc.
AZ2700 AZETTLER-AZ2700 Datasheet
103Kb / 2P
30 AMP POWER RELAY
AZ2701 AZETTLER-AZ2701 Datasheet
91Kb / 2P
30 AMP POWER RELAY
AZ2702 AZETTLER-AZ2702 Datasheet
102Kb / 2P
30 AMP POWER RELAY
AZ2703 AZETTLER-AZ2703 Datasheet
104Kb / 2P
30 AMP POWER RELAY
AZ2704 AZETTLER-AZ2704 Datasheet
103Kb / 2P
30 AMP POWER RELAY
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
30 AMP POWER RELAY
logo
Picker Components
PTRH-14 PICKER-PTRH-14 Datasheet
131Kb / 2P
30 AMP Power PCB Relay
logo
ZETTLER Electronics
AZ2704 ZETTLER-AZ2704 Datasheet
75Kb / 3P
30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
30 Amp Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com