Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC730 Datasheet(PDF) 2 Page - Picker Components

Part # PC730
Description  30 Amp Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC730 Datasheet(HTML) 2 Page - Picker Components

  PC730 Datasheet HTML 1Page - Picker Components PC730 Datasheet HTML 2Page - Picker Components PC730 Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC730
PC730
COIL DATA
Coil Voltage
Resistance
ohms
Must Operate
Voltage Max.
Must Release
Voltage Min.
Voltage
Type
DC
AC
Coil
Power
6
12
18
24
48
6
12
24
48
240
277
20
80
180
320
1280
3.15
12.6
50.4
201
1260
4235
5040
6712
1.8 W
4 VA
4.5
9
13.5
18
36
20.4
40.8
102
187
204
236
0.6
1.2
1.8
2.4
1.8
3.6
7.2
14.4
36
66
72
83
PAGE 2
120
220
5.1
10.2
4.8
+ 10%
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
Tolerances + .010 unless otherwise noted
Note: Custom coil voltages within the ranges shown are available on special order.
Wiring Diagram
Dimensions in Inches (Millimeters)
2.02
(51.5)
1.57
(40.0)
.320
(8.1)
1.40
(35.5)
1.57
(40.0)
7
8
1
2
3
4
5
6
9
45
6.75
0.9
Top Flange Case



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com