Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIACDB3-22 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # DIACDB3-22
Description  SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

DIACDB3-22 Datasheet(HTML) 2 Page - Continental Device India Limited

  DIACDB3-22 Datasheet HTML 1Page - Continental Device India Limited DIACDB3-22 Datasheet HTML 2Page - Continental Device India Limited DIACDB3-22 Datasheet HTML 3Page - Continental Device India Limited DIACDB3-22 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DB3-22
DIAGRAM 1 :Current-voltage characteristics
DIAGRAM 2 :Test circuit for output voltage
DIAGRAM 3 : Test circuit see diagram 2.
Adjust R for Ip=0.5A
Power dissipation versus ambient temperature
(maximum values)
0
20
40
60
80
100
120
140
160
0
10
20
30
40
50
60
70
80
90
100
110
120
Tamb (
o C)
Relative variation of VBO versus junction temperature
(typical values)
1
1.02
1.04
1.06
1.08
1.1
25
50
75
100
Tj (
o C)
Peak pulse current versus pulse duration (maximum
value)
0.01
0.1
1
10
10
100
1000
10000
tp (us)
F=100 HZ
Tj intial = 25
OC
220V
50 HZ
10k
500k
D.U.T
0.1uF
R=20 ohm
VO
~
10%
90 %
Ip
tr
+ IF
- IF
+ V
V
-
V
IB
IBO
0.5 VBO
VBO
10mA
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com