Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIACDB3-22 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # DIACDB3-22
Description  SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

DIACDB3-22 Datasheet(HTML) 1 Page - Continental Device India Limited

  DIACDB3-22 Datasheet HTML 1Page - Continental Device India Limited DIACDB3-22 Datasheet HTML 2Page - Continental Device India Limited DIACDB3-22 Datasheet HTML 3Page - Continental Device India Limited DIACDB3-22 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON DIAC
DIAC
BIDIRECTIONAL TRIGGER DIODE
DB3-22
GLASS PASSIVATED PNPN DEVICE
DO-35
Glass Axial Package
Marking
C
DB3
APPLICATIONS
-22
For Triggering TRIACs, SCRs, Industrial and Commercial Equipments, Lamp Dimmer Circuits, Universal Motor
Speed Controls, Heat Controls.
ABSOLUTE MAXIMUM RATINGS (Ta=25°C unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation on Printed Circuit
Ptot
L= 10mm, Ta =50ºC
150
mW
tp= 20µs, f=120Hz
repetition
Operating and Storage Temperature
Tj,Tstg
-40
125
°C
1.6mm from case,
250
°C
10s max
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Break Over Voltage
VBO
TC= -40 to 125°C
28
32
36
V
* Break Over Voltage Symmetry
|VBO1-VBO2|
Tj=125°C
+3.0
V
* Break Over Current
IBO
Tj=125°C
100
µA
* Peak Output Voltage
VP
5.0
V
* Rise Time
tr
1.5
µs
* Electrical characteristics applicable in both forward and reverse directions
DB3-22Rev050803D
Soldering Temperature
Α
Repetivive Peak On- State Current
ITRM
2
A
Tsld
µA
VB = 0.5 VBOmax
* Peak Current
IP
0.3
IB
10
* Leakage Current
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - DIACDB3-22

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
DIA-250-RD-PK BRADY-DIA-250-RD-PK Datasheet
152Kb / 3P
BRADY B500 POLYMER COATED CLOTH TAPE
08/19/2005
logo
List of Unclassifed Man...
DIA01C7245A ETC2-DIA01C7245A Datasheet
106Kb / 3P
Monitoring Relays 1-Phase AC/DC Over Current
DIA01C7485A ETC2-DIA01C7485A Datasheet
106Kb / 3P
Monitoring Relays 1-Phase AC/DC Over Current
DIA01CB235A ETC2-DIA01CB235A Datasheet
106Kb / 3P
Monitoring Relays 1-Phase AC/DC Over Current
DIA01CB485A ETC2-DIA01CB485A Datasheet
106Kb / 3P
Monitoring Relays 1-Phase AC/DC Over Current
More results

Similar Description - DIACDB3-22

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CLLDB3 CDIL-CLLDB3 Datasheet
199Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
logo
List of Unclassifed Man...
DB3A ETC2-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B ETC2-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
logo
TAITRON Components Inco...
DB3 TAITRON-DB3 Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3A TAITRON-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3AM TAITRON-DB3AM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B TAITRON-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3BM TAITRON-DB3BM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
logo
Continental Device Indi...
DB3 CDIL-DB3 Datasheet
172Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
logo
Littelfuse
HT32A LITTELFUSE-HT32A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com