Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB4 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # DB4
Description  SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

DB4 Datasheet(HTML) 1 Page - Continental Device India Limited

  DB4 Datasheet HTML 1Page - Continental Device India Limited DB4 Datasheet HTML 2Page - Continental Device India Limited DB4 Datasheet HTML 3Page - Continental Device India Limited DB4 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON DIAC
BIDIRECTIONAL TRIGGER DIODES
DB3, DB4
GLASS PASSIVATED PNPN DEVICE
DO- 35
Glass Axial Package
Functioning as a Trigger Diode with a Fixed Voltage Reference, DB3/DB4 can be
used in Conjunction with Triacs for Simplified Gate Control Circuits or as a Starting
Element in Fluorescent Lamp Ballasts
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise))
DESCRIPTION
SYMBOL
VALUE
UNIT
Power Dissipation on Printed Circuit (L=10mm) (Ta=50
oC)
Ptot
150
mW
Repetitive Peak on-State Current (tp=20µ
µs, f=100Hz)
ITRM
2
A
Storage Temperature Range
Tstg
- 40 to +125
ºC
Junction Temperature Range
Tj
- 40 to +110
ºC
THERMAL RESISTANCE
Junction to Ambient in free air
400
ºC/W
Junction to Leads
150
ºC/W
ELECTRICAL CHARACTERISTICS (Tj=25ºC unless specified otherwise)
SYMBOL
MIN
MAX
UNIT
* Breakover Voltage
VBO
28
36
V
35
45
V
Breakover Voltage Symmetry
[I+VBOI-I-VBOI]
+ 3
V
* Dynamic Breakover Voltage
I
∆V+ I
5
V
* Output Voltage
VO
5
V
* Breakover Current
IBO
50
µA
* Rise Time
tr
TYP 1.5
µs
* Leakage Current
IB
10
µA
* Electrical characteristic applicable in both forward and reverse directions
** Connected in parallel with the devices.
DESCRIPTION
TEST CONDITIONS
** C = 22nF
** C = 22nF
see diagram 1
** C = 22nF
see diagram 1
see diagram 3
VB = 0.5 VBO max
see diagram 1
Rth (j-a)
Rth (j-l)
DB3
DB4
∆1=[I
BO to IF=10mA]
see diagram 1
see diagram 2
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
DB3_DB4Rev_1 190402E


Similar Part No. - DB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB4 STMICROELECTRONICS-DB4 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Lunsure Electr...
DB4 CHENYI-DB4 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB4 DCCOM-DB4 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Diotec Semiconductor
DB4 DIOTEC-DB4 Datasheet
251Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
logo
STMicroelectronics
DB4 STMICROELECTRONICS-DB4 Datasheet
59Kb / 5P
DIAC
Oct-2001
More results

Similar Description - DB4

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CLLDB3 CDIL-CLLDB3 Datasheet
199Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
logo
List of Unclassifed Man...
DB3A ETC2-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B ETC2-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
logo
TAITRON Components Inco...
DB3 TAITRON-DB3 Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3A TAITRON-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3AM TAITRON-DB3AM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B TAITRON-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3BM TAITRON-DB3BM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
logo
Continental Device Indi...
DIACDB3-22 CDIL-DIACDB3-22 Datasheet
101Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
logo
Littelfuse
HT32A LITTELFUSE-HT32A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com