Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBTA14 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CMBTA14
Description  N?밣?밡 SMALL?밪IGNAL DARLINGTON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBTA14 Datasheet(HTML) 2 Page - Continental Device India Limited

  CMBTA14 Datasheet HTML 1Page - Continental Device India Limited CMBTA14 Datasheet HTML 2Page - Continental Device India Limited CMBTA14 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–base voltage (open emitter)
VBE = 0
VCBO
max.
30 V
Collector–emitter voltage (open base)
VBE = 0
VCES
max.
30 V
Emitter–base voltage (open collector)
VEBO
max.
10 V
Collector current (d.c.)
IC
max.
300 mA
Total power dissipation up to Tamb = 25°C
Ptot
max.
250 mW
Storage temperature
Tstg
–55 to +150 °C
Junction temperature
Tj
max.
150 °C
THERMAL RESISTANCE
from junction to ambient
Rth j–a
500 K/W
CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Collector–emitter breakdown voltage
IC = 100 µAV(BR)CES min.
30 V
Emitter–base cut–off current
VBE = 10 V
IEBO
max.
0.1
µA
Collector–base cut–off current
VCB = 30 V
ICBO
max.
0.1
µA
D.C. current gain
CMBTA13 hFE
min.
5000
IC = 10 mA; VCE = 5 V
CMBTA14 hFE
min. 10000
CMBTA13 hFE
min. 10000
IC = 100 mA; VCE = 5 V
CMBTA14 hFE
min. 20000
Collector–emitter saturation voltage
IC = 100 mA; IB = 0.1 mA
VCEsat
max.
1.5 V
Base–emitter On voltage
IC = 100 mA; VCE = 5 V;
VBE(on)
max.
2 V
Transition frequency at f = 100 MHz
IC = 10 mA; VCE = 5 V
fT
min.
125 MHz
CMBTA13
CMBTA14



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com