Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMBTA14 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CMBTA14
Description  N?밣?밡 SMALL?밪IGNAL DARLINGTON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CMBTA14 Datasheet(HTML) 1 Page - Continental Device India Limited

  CMBTA14 Datasheet HTML 1Page - Continental Device India Limited CMBTA14 Datasheet HTML 2Page - Continental Device India Limited CMBTA14 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
N–P–N SMALL–SIGNAL DARLINGTON TRANSISTORS
N–P–N transistors
Marking
CMBTA13 = 1M
CMBTA14 = 1N
ABSOLUTE MAXIMUM RATINGS
Collector–emitter voltage (open base)
VBE = 0
VCES
max.
30 V
Collector current (d.c.)
IC
max.
300 mA
Total power dissipation up to Tamb = 25°C
Ptot
max.
250 mW
Junction temperature
Tj
max.
150 ° C
D.C. current gain
CMBTA13 hFE
min.
5000
IC = 10 mA; VCE = 5 V
CMBTA14 hFE
min. 10000
Transition frequency at f = 100 MHz
IC = 10 mA; VCE = 5 V
fT
min.
125 MHz
CMBTA13
CMBTA14
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CMBTA14

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CMBTA14 RECTRON-CMBTA14 Datasheet
27Kb / 2P
SOT-23 - Power Transistor and Darlingtons
More results

Similar Description - CMBTA14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
2N6426 ONSEMI-2N6426 Datasheet
111Kb / 8P
Darlington Transistors
February, 2001 ??Rev.1
logo
Rectron Semiconductor
CMBTA13 RECTRON-CMBTA13 Datasheet
70Kb / 2P
NPN Small-Signal Darlington Transistors
logo
List of Unclassifed Man...
TIP120 ETC2-TIP120 Datasheet
403Kb / 6P
Darlington Transistors
logo
ON Semiconductor
BC517 ONSEMI-BC517_07 Datasheet
82Kb / 6P
Darlington Transistors
March, 2007 ??Rev. 4
logo
Continental Device Indi...
BSR20 CDIL-BSR20 Datasheet
154Kb / 5P
SILICON P?밡?밣 HIGH?밮OLTAGE TRANSISTORS
BSR19 CDIL-BSR19 Datasheet
91Kb / 3P
SILICON N?밣?밡 HIGH?밮OLTAGE TRANSISTORS
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
Darlington Transistors
October, 2016 ??Rev. 6
logo
Leshan Radio Company
LMBTA64LT1G LRC-LMBTA64LT1G Datasheet
131Kb / 3P
Darlington Transistors
logo
First Silicon Co., Ltd
MMBTA64 FS-MMBTA64 Datasheet
244Kb / 3P
Darlington Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com