Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJD110 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CJD110
Description  COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJD110 Datasheet(HTML) 2 Page - Continental Device India Limited

  CJD110 Datasheet HTML 1Page - Continental Device India Limited CJD110 Datasheet HTML 2Page - Continental Device India Limited CJD110 Datasheet HTML 3Page - Continental Device India Limited CJD110 Datasheet HTML 4Page - Continental Device India Limited CJD110 Datasheet HTML 5Page - Continental Device India Limited CJD110 Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 NPN
CJD115 PNP
DPAK (TO-252)
Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Saturation Voltage
VCE (sat)
IC=2A, IB=8mA
2.0
V
IC=4A, IB=40mA
3.0
V
Base Emitter Saturation Voltage
VBE (sat)
IC=4A, IB=40mA
4.0
V
Base Emitter On Voltage
VBE (on)
IC=2A, VCE=3V
2.8
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Current Gain Bandwidth Product
fT
IC=0.75A, VCE=10V, f=1MHz
25
MHz
Output Capacitance
Cob
IE=0, VCB=10V, f=0.1MHz
CJD110
100
pF
CJD115
200
pF
MARKING
XY= Date Code
CJD110_115 Rev020707E
CDIL
CJD110
XY
MX
CJD115
CDIL
XY
MX
Continental Device India Limited
Data Sheet
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com