Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJD110 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CJD110
Description  COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CJD110 Datasheet(HTML) 1 Page - Continental Device India Limited

  CJD110 Datasheet HTML 1Page - Continental Device India Limited CJD110 Datasheet HTML 2Page - Continental Device India Limited CJD110 Datasheet HTML 3Page - Continental Device India Limited CJD110 Datasheet HTML 4Page - Continental Device India Limited CJD110 Datasheet HTML 5Page - Continental Device India Limited CJD110 Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 NPN
CJD115 PNP
DPAK (TO-252)
Plastic Package
Designed for General Purpose Power and Switching such as Output or Driver stages in Applications such as Switching
Regulators, Converters and Power Amplifiers
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Collector Base Voltage
VCBO
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Peak
A
Base Current
IB
mA
Total Power Dissipation Tc=25ºC
PD
W
Derate Above 25ºC
W/ºC
Total Power Dissipation Ta=25ºC
PD
W
Derate Above 25ºC
W/ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL CHARACTERISTICS
Junction to Case
Rth (j-c)
ºC/W
Junction to Ambient in free air
*Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
**VCEO(sus)
IC=30mA, IB=0
100
V
Collector Cut Off Current
ICEO
VCE=30V, IB=0
20
µA
Collector Cut Off Current
ICBO
VCB=60V, IE=0
20
µA
VCB=40V, IE=0
10
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
2.0
mA
Collector Cut Off Current
ICEX
VCE=40V, VBE (off)=1.5V
10
µA
VCE=40V, VBE (off)=1.5V,
Tc=125ºC
500
µA
DC Current Gain
hFE
IC=0.5A, VCE=3V
500
IC=2A, VCE=3V
1000
12000
IC=4A, VCE=3V
200
*These rating are applicable when surface mounted on the minimum pad sizes recommended
**Pulse Test:- Pulse Width < 300
µµs, Duty Cycle < 2%
CJD110_115 Rev020707E
71.4
VALUE
60
1.75
2
5
60
4
50
- 65 to +150
20
0.16
6.25
0.014
Continental Device India Limited
Data Sheet
Page 1 of 6
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CJD110

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJD1117-1.5 ZPSEMI-CJD1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJD1117-1.5 ZPSEMI-CJD1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJD1117-1.5 ZPSEMI-CJD1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJD1117-1.5 ZPSEMI-CJD1117-1.5 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJD1117-1.5 ZPSEMI-CJD1117-1.5 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - CJD110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD777 MOTOROLA-BD777 Datasheet
117Kb / 4P
Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6035 ONSEMI-2N6035 Datasheet
113Kb / 8P
Plastic Darlington Complementary Silicon Power Transistors
April, 2002 ??Rev. 10
2N6035 ONSEMI-2N6035_06 Datasheet
85Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
May, 2006 ??Rev. 13
2N6035 ONSEMI-2N6035_08 Datasheet
133Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 14
logo
Continental Device Indi...
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJE800T NJSEMI-MJE800T Datasheet
81Kb / 2P
Plastic Darlington Complementary Silicon Power Transistors
logo
ON Semiconductor
2N6034G ONSEMI-2N6034G_13 Datasheet
150Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 15
BD777 ONSEMI-BD777 Datasheet
158Kb / 4P
Plastic Darlington Complementary Silicon Power Transistors
August, 2006 ??Rev. 9
MJE700G ONSEMI-MJE700G Datasheet
140Kb / 6P
Plastic Darlington Complementary Silicon Power Transistors
December, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com