Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN31-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN31-E
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN31-E Datasheet(HTML) 4 Page - STMicroelectronics

  VN31-E Datasheet HTML 1Page - STMicroelectronics VN31-E Datasheet HTML 2Page - STMicroelectronics VN31-E Datasheet HTML 3Page - STMicroelectronics VN31-E Datasheet HTML 4Page - STMicroelectronics VN31-E Datasheet HTML 5Page - STMicroelectronics VN31-E Datasheet HTML 6Page - STMicroelectronics VN31-E Datasheet HTML 7Page - STMicroelectronics VN31-E Datasheet HTML 8Page - STMicroelectronics VN31-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
VN31
4/13
ELECTRICAL CHARACTERISTICS
(VCC = 13 V; –40 ≤ Tj ≤ 125 °C unless otherwise specified)
Table 5. Power
Note: 3. In= Nominal current according to ISO definition for high side automotive switch The Nominal Current is the current at Tc = 85 °C for
battery voltage of 13V which produces a voltage drop of 0.5 V.
Table 6. Switching
Note: 4. See Switching Time Waveforms.
Table 7. Logic Input
Note: 5. The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor calculated
to not exceed 10 mA at the input pin.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
5.5
13
26
V
In
(3)
Nominal Current
Tc = 85 °C; VDS(on) ≤ 0.5
11.5
A
Ron
On State Resistance
IOUT = 11.5 A
IOUT = 11.5 A; Tj = 25 °C
0.06
0.03
Ω
Ω
IS
Supply Current
Off State; Tj ≥ 25 °C
On State
50
15
µA
mA
VDS(MAX)
Maximum Voltage Drop
IOUT = 25 A; Tc = 85 °C
1.5
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
(4)
Turn-on Delay Time Of
Output Current
IOUT = 11.5 A; Resistive Load
Input Rise Time < 0.1
µs
90
µs
tr
(4)
Rise Time Of Output
Current
IOUT = 11.5 A; Resistive Load
Input Rise Time < 0.1
µs
100
µs
td(off)
(4)
Turn-off Delay Time Of
Output Current
IOUT = 11.5 A; Resistive Load
Input Rise Time < 0.1
µs
140
µs
tf
(4)
Fall Time Of Output
Current
IOUT = 11.5 A; Resistive Load
Input Rise Time < 0.1
µs
50
µs
(di/dt)on
Turn-on Current Slope
IOUT = 11.5 A
IOUT = IOV
0.08
0.5
1
A
/µs
A
/µs
(di/dt)off
Turn-off Current Slope
IOUT = 11.5 A
IOUT = IOV
0.2
3
3
A
/µs
A
/µs
Vdemag
Inductive Load Clamp
Voltage
IOUT = 11.5 A; L = 1 mH
–24
–18
–14
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Level Voltage
0.8
V
VIH
Input High Level Voltage
2
Note 5
V
VI(hyst)
Input Hysteresis Voltage
0.5
V
IIN
Input Current
VIN = 5 V
VIN = 2 V
VIN = 0.8 V
25
250
500
250
µA
µA
µA
VICL
Input Clamp Voltage
IIN = 10 mA
IIN = –10 mA
5.5
6
–0.7
–0.3
V
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com