Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN31-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN31-E
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN31-E Datasheet(HTML) 5 Page - STMicroelectronics

  VN31-E Datasheet HTML 1Page - STMicroelectronics VN31-E Datasheet HTML 2Page - STMicroelectronics VN31-E Datasheet HTML 3Page - STMicroelectronics VN31-E Datasheet HTML 4Page - STMicroelectronics VN31-E Datasheet HTML 5Page - STMicroelectronics VN31-E Datasheet HTML 6Page - STMicroelectronics VN31-E Datasheet HTML 7Page - STMicroelectronics VN31-E Datasheet HTML 8Page - STMicroelectronics VN31-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
VN31
ELECTRICAL CHARACTERISTICS (cont’d)
Table 8. Protection and Diagnostics
Note: 6. IOL(off) = (VCC -VOL)/ROL (see figure 5).
7. t1(on): minimum open load duration which activates the status output;
t1(off): minimum load recovery time which desactivates the status output;
t2(off): minimum on time after thermal shut down which desactivates status output;
tpovl tpol: ISO definition (see figure 6).
Figure 5. Note 6 relevant figure
Figure 6. Note 7 relevant figure
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSTAT
Status Voltage Output Low
ISTAT = 1.6 mA
0.4
V
VUSD
Under Voltage Shut Down
5
V
VSCL
Status Clamp Voltage
ISTAT = 10 mA
ISTAT = –10 mA
6
–0.7
V
V
IOV
Over Current
RLOAD < 10 mΩ; –40 ≤ Tc ≤ 125 °C
140
A
IAV
Average Current in Short Circuit
RLOAD < 10 mΩ; Tc = 85 °C
2.5
A
IOL
Open Load Current Level
5
600
1250
mA
TTSD
Thermal Shut-down Temperature
140
°C
TR
Reset Temperature
125
°C
VOL
(6)
Open Load Voltage Level
Off-State
2.5
3.75
5
V
t1(on)
(7)
Open Load Filtering Time
1
5
10
ms
t1(off)
(7)
Open Load Filtering Time
1
5
10
ms
t2(off)
(7)
Open Load Filtering Time
1
5
10
ms
tpovl
(7)
Status Delay
5
10
µs
tpol
(7)
Status Delay
50
700
µs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com