Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC3308 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC3308
Description  11.5 Gbps 8 x 8 Crosspoint Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC3308 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC3308 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC3308 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC3308
www.vitesse.com
PRODUCT BRIEF
11.5 Gbps 8 × 8 Crosspoint Switch
Vitesse’s multichannel 11.5 Gbps crosspoint switch provides a cost-effective solution for high-speed copper
interconnects
The VSC3308 is the industry’s highest performance signal integrity
crosspoint solution. The VSC3308 is uniquely capable of addressing a wide
array of routing, switching, and signal integrity issues across storage, blade
server, video distribution, telecommunications, and Ethernet applications.
Featuring an 8 × 8 non-blocking, multicasting switch core with ports running
at any rate up to 11.5 Gbps, the VSC3308 architecture provides
protocol-transparent operation, allowing each channel to run independently.
The VSC3308 supports a wide frequency range and virtually all data
protocols.
The VSC3308 incorporates Vitesse’s fourth-generation input equalization
and pre-emphasis I/O capability for the industry’s highest speed and
protocol requirements. The device can perform signal fanout, loopback, and
protection switching. It can also regenerate signals severely compromised
by transmission losses. Vitesse’s equalization works independently of the
data rate, providing highly effective compensation for deterministic jitter
across a wide range of high-speed interconnect applications.
Highlights
• DC to 11.5 Gbps operation
• 8 × 8 fully non-blocking switch
capability
• Protocol-transparent operation
• Advanced EQ
Applications
• Blade servers
• Storage servers
• Telecom
• Video distribution
• Test and Measurement equipment
VSC3308 Line Card Application
Backplane
Switch Card
Line Card
VSC3308
PHY
Crosspoint
ASIC or
FPGA
8
8
Serial
DC to
11.5 Gbps
Serial
DC to
11.5 Gbps
XFP
Using the VSC3308 in high-speed line cards ensures best-in-class I/O performance up to
11.5 Gbps with EQ technology to compensate for connector, backplane, and FR-4 loss.


Similar Part No. - VSC3308

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3303XHV VITESSE-VSC3303XHV Datasheet
754Kb / 2P
8.5 Gbps 4 횞 4 Crosspoint Switch
VSC3304 VITESSE-VSC3304 Datasheet
763Kb / 2P
8.5 Gbps 4 횞 4 Crosspoint Switch
More results

Similar Description - VSC3308

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Intersil Corporation
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
16 x 8 x 1 BiMOS-E Crosspoint Switch
January 16, 2006
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
750 MHz, 8 x 8 Analog Crosspoint Switch
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com