Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFX87 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BFX87
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BFX87 Datasheet(HTML) 2 Page - Continental Device India Limited

  BFX87 Datasheet HTML 1Page - Continental Device India Limited BFX87 Datasheet HTML 2Page - Continental Device India Limited BFX87 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
BFX87/88
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Saturation Voltage
VCE(Sat)
IC=150mA,IB=15mA
-
-
0.4
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=30mA,IB=1mA
-
-
0.9
V
IC=150mA,IB=15mA
-
-
1.3
V
Dynamic Characteristics
Collector Capacitance
Cc
VCB=10V, IE=0
-
-
12
pF
f=1MHz
Emitter Capacitance
Ce
VEB=2V, IC=0
-
-
30
pF
f=1MHz
Transition Frequency
ft
VCE=10V,IC=50mA,
100
-
-
MHz
f=100MHz
Switching Time
Turn on time
ton
-
-
60
ns
Turn off time
toff
-
-
150
ns
h-parameters
Measured @ IC=10mA, VCE=10V,
f=1kHz
Input impedance
hie
-
600
ohms
Voltage Feedback Ratio
hre
-
1.5
x10-4
Forward Current Transfer Ratio
hfe
-
155
Output Admittance
hoe
-
104
umho
TO-39 Metal Can Package
TO-39
500 pcs/polybag 540 gm/500 pcs
3" x 7.5" x 7.5"
20.0K
17" x 15" x 13.5"
32.0K
40 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
2
1
3
PIN CO NFIG URATION
1. E M ITTE R
2. BASE
3. C O LLE C TO R
DIM
M IN
M A X
A
8.50
9.39
B
7.74
8.50
C
6.09
6.60
D
0.40
0.53
E—
0.88
F
2.41
2.66
G
4.82
5.33
H
0.71
0.86
J
0.73
1.02
K12.70
—
L
42 D E G
48 D E G
A
B
D
G
L
H
J
1
2
3
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com