Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFX87 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BFX87
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BFX87 Datasheet(HTML) 1 Page - Continental Device India Limited

  BFX87 Datasheet HTML 1Page - Continental Device India Limited BFX87 Datasheet HTML 2Page - Continental Device India Limited BFX87 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BFX87
BFX88
TO-39
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BFX87
BFX88
UNIT
Collector -Base Voltage
VCBO
50
40
V
Collector -Emitter Voltage
VCEO
50
40
V
Collector Current (DC)
IC
600
mA
Peak value
ICM
600
mA
Emitter Current
IEM
600
mA
Power Dissipation up toTamb=25 degC
Ptot
600
mW
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
300
K/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector-Cut off Current
ICBO
BFX87
VCB=40V, IE=0
-
-
50
nA
VCB=50V, IE=0
-
-
500
nA
Tj=100 deg C
VCB=40V, IE=0
-
-
2.0
uA
BFX88
VCB=30V, IE=0
-
-
50
nA
VCB=40V, IE=0
-
-
500
nA
Tj=100 deg C
VCB=30V, IE=0
-
-
2.0
uA
Emitter-Cut off Current
IEBO
VEB=3V, IC=0
-
-
100
nA
VEB=4V, IC=0
-
-
500
nA
DC Current Gain
hFE
IC=1mA,VCE=10V
40
-
-
IC=10mA,VCE=10V
40
-
-
IC=150mA,VCE=10V
40
-
-
IC=500mA,VCE=10V
25
-
-
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BFX87

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFX87 SEME-LAB-BFX87 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
logo
Central Semiconductor C...
BFX87 CENTRAL-BFX87 Datasheet
56Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
BFX87 NJSEMI-BFX87 Datasheet
82Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BFX87

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com