Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFX85 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BFX85
Description  NPN SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BFX85 Datasheet(HTML) 2 Page - Continental Device India Limited

  BFX85 Datasheet HTML 1Page - Continental Device India Limited BFX85 Datasheet HTML 2Page - Continental Device India Limited BFX85 Datasheet HTML 3Page - Continental Device India Limited BFX85 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR TRANSISTOR
BFX85
TO-39
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Base Emitter (Sat) Voltage
VBE(Sat)
IC=10mA,IB=1.0mA
1.2
V
IC=150mA,IB=15mA
1.3
V
IC=500mA,IB=50mA
1.5
V
IC=1A,IB=100mA
2.0
V
SMALL SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
fT
IC=50mA, VCE=10V
50
MHz
f=35MHz
Collector Capacitance
Cobo
VCB=10V, IE=0,f=1MHz
12
pF
Small Signal Current Gain
| hfe |IC=1.0mA, VCE=5.0V,
20
f=1kHz
IC=10mA, VCE=5.0V,
25
f=1.0kHz
Input Impedance
hie
IC=10mA, VCE=5.0V,
750
µmhos
f=1.0kHz
Voltage Feedback Ratio
hre
IC=10mA, VCE=5.0V,
5.0
x10
-4
f=1.0kHz
Output Admittance
hoe
IC=10mA, VCE=5.0V,
80
µmhos
f=1.0kHz
BFX85
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com