Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFX85 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BFX85
Description  NPN SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BFX85 Datasheet(HTML) 1 Page - Continental Device India Limited

  BFX85 Datasheet HTML 1Page - Continental Device India Limited BFX85 Datasheet HTML 2Page - Continental Device India Limited BFX85 Datasheet HTML 3Page - Continental Device India Limited BFX85 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR TRANSISTOR
BFX85
TO-39
Metal Can Package
AMPLIFIER TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Emitter Voltage
VCEO
60
V
Collector Base Voltage
VCBO
100
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current Continuous
IC
1.0
A
Total Device Dissipation @ Ta=25ºC
PD
0.8
W
Derate Above 25ºC
4.57
mW/ºC
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
220
ºC/W
Junction to Case
Rth(j-c)
35
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Breakdown Voltage
BVCEO
IC=10mA,IB=0
60
V
Collector Base Breakdown Voltage
BVCBO
IC=100µA,IE=0
100
V
Collector Cut off Current
ICBO
VCB=80V, IE=0
50
n
Α
VCB=80V, IE=0,Tj=100ºC
2.5
µA
VCB=100V, IE=0
500
n
Α
VCB=100V, IE=0,Tj=100ºC
2.5
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
50
n
Α
VEB=5V, IC=0,Tj=100ºC
2.5
µA
VEB=6V, IC=0
500
n
Α
DC Current Gain
hFE
IC=10mA,VCE=10V
50
IC=150mA,VCE=10V
70
IC=500mA,VCE=10V
30
IC=1A, VCE=10V
15
Collector Emitter (Sat) Voltage
VCE(Sat)
IC=10mA,IB=1.0mA
0.15
V
IC=150mA,IB=15mA
0.35
V
IC=500mA,IB=50mA
1.00
V
IC=1A,IB=100mA
1.60
V
BFX85
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BFX85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
NPN switching transistor
1997 Apr 22
logo
Central Semiconductor C...
BFX85 CENTRAL-BFX85 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BFX85 SEME-LAB-BFX85 Datasheet
22Kb / 2P
NPN SILICON EPITAXIAL SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX85 NJSEMI-BFX85 Datasheet
89Kb / 2P
NPN switching transistor
More results

Similar Description - BFX85

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com