Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF512C Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AT25DF512C Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
27
AT25DF512C
DS-25DF512C–030A–4/2014
12.7
Hold
The HOLD pin is used to pause the serial communication with the device without having to stop or reset the clock
sequence. The Hold mode, however, does not have an affect on any internally self-timed operations such as a program
or erase cycle. Therefore, if an erase cycle is in progress, asserting the HOLD pin will not pause the operation, and the
erase cycle will continue until it is finished.
The Hold mode can only be entered while the CS pin is asserted. The Hold mode is activated simply by asserting the
HOLD pin during the SCK low pulse. If the HOLD pin is asserted during the SCK high pulse, then the Hold mode won’t be
started until the beginning of the next SCK low pulse. The device will remain in the Hold mode as long as the HOLD pin
and CS pin are asserted.
While in the Hold mode, the SO pin will be in a high-impedance state. In addition, both the SI pin and the SCK pin will be
ignored. The WP pin, however, can still be asserted or deasserted while in the Hold mode.
To end the Hold mode and resume serial communication, the HOLD pin must be deasserted during the SCK low pulse. If
the HOLD pin is deasserted during the SCK high pulse, then the Hold mode won’t end until the beginning of the next SCK
low pulse.
If the CS pin is deasserted while the HOLD pin is still asserted, then any operation that may have been started will be
aborted, and the device will reset the WEL bit in the Status Register back to the logical “0” state.
Figure 12-8. Hold Mode
12.8
Reset
In some applications, it may be necessary to prematurely terminate a program or erase operation rather than wait the
hundreds of microseconds or milliseconds necessary for the program or erase operation to complete normally. The
Reset command allows a program or erase operation in progress to be ended abruptly and returns the device to an idle
state. Since the need to reset the device is immediate, the Write Enable command does not need to be issued prior to the
Reset command. Therefore, the Reset command operates independently of the state of the WEL bit in the Status
Register.
The Reset command can be executed only if the command has been enabled by setting the Reset Enabled (RSTE) bit in
the Status Register to a Logical 1 using write status register byte 2 command 31h. This command should be entered
before a program command is entered. If the Reset command has not been enabled (the RSTE bit is in the Logical 0
state), then any attempts at executing the Reset command will be ignored.
To perform a Reset, the CS pin must first be asserted, and then the opcode F0h must be clocked into the device. No
address bytes need to be clocked in, but a confirmation byte of D0h must be clocked into the device immediately after the
opcode. Any additional data clocked into the device after the confirmation byte will be ignored. When the CS pin is
deasserted, the program operation currently in progress will be terminated within a time of t
SWRST. Since the program or
erase operation may not complete before the device is reset, the contents of the page being programmed or erased
cannot be guaranteed to be valid.
SCK
CS
HOLD
Hold
Hold
Hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com