Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AT25DF512C
Description  512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF512C Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AT25DF512C Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF512C Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
AT25DF512C
DS-25DF512C–030A–4/2014
13.3
DC Characteristics
Notes:
1. Typical values measured at 1.8V @ 25°C for the 1.65V to 3.6V range.
2. Typical values measured at 3.0V @ 25°C for the 2.3V to 3.6V range.
Symbol
Parameter
Condition
1.65V to 3.6V
2.3V to 3.6V
Units
Min
Typ
Max
Min
Typ
Max
I
UDPD
Ultra-Deep Power-
Down Current
All inputs at 0V or V
CC
0.2
1
0.35
1
µA
IDPD
Deep Power-Down
Current
CS, HOLD, WP = VIH
All inputs at CMOS
levels
4.5
15
5
15
µA
I
SB
Standby Current
CS, HOLD, WP = VIH
All inputs at CMOS
levels
25
40
25
40
µA
ICC1
(1)(2)
Active Current, Low
Power Read (03h,
0Bh) Operation
f = 1MHz; I
OUT = 0mA
5
9
6
9
mA
f = 20MHz; IOUT = 0mA
6
10
7
10
mA
ICC2
(1)(2)
Active Current,
Read Operation
f = 50MHz; IOUT = 0mA
9
12
10
12
mA
f = 85MHz; I
OUT = 0mA
11
15
12
15
mA
ICC3
(1)(2)
Active Current,
Program Operation
CS = VCC
10
15
10
15
mA
ICC4
(1)(2)
Active Current,
Erase Operation
CS = VCC
12
18
12
18
mA
ILI
Input Load Current
All inputs at CMOS
levels
1
1
µA
ILO
Output Leakage
Current
All inputs at CMOS
levels
1
1
µA
VIL
Input Low Voltage
V
CC x
0.2
V
CC x
0.3
V
V
IH
Input High Voltage
V
CC x 0.8
V
CC x 0.7
V
VOL
Output Low Voltage
IOL = 100µA
0.2
0.4
V
V
OH
Output High
Voltage
I
OH = -100µA
V
CC -
0.2V
V
CC -
0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com