Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT45DB321E_13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
2
AT45DB321E
8784F–DFLASH–11/2013
Description
The Adesto® AT45DB321E is a 2.3V minimum, serial-interface sequential access Flash memory ideally suited for a wide
variety of digital voice, image, program code, and data storage applications. The AT45DB321E also supports the RapidS
serial interface for applications requiring very high speed operation. Its 34,603,008 bits of memory are organized as
8,192 pages of 512 bytes or 528 bytes each. In addition to the main memory, the AT45DB321E also contains two SRAM
buffers of 512/528 bytes each. The buffers allow receiving of data while a page in the main memory is being
reprogrammed. Interleaving between both buffers can dramatically increase a system's ability to write a continuous data
stream. In addition, the SRAM buffers can be used as additional system scratch pad memory, and E2PROM emulation
(bit or byte alterability) can be easily handled with a self-contained three step read-modify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the
Adesto DataFlash® uses a serial interface to sequentially access its data. The simple sequential access dramatically
reduces active pin count, facilitates simplified hardware layout, increases system reliability, minimizes switching noise,
and reduces package size. The device is optimized for use in many commercial and industrial applications where
high-density, low-pin count, low-voltage, and low-power are essential.
To allow for simple in-system re-programmability, the AT45DB321E does not require high input voltages for
programming. The device operates from a single 2.3V to 3.6V power supply for the erase and program and read
operations. The AT45DB321E is enabled through the Chip Select pin (CS) and accessed via a 3-wire interface consisting
of the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.
1.
Pin Configurations and Pinouts
Figure 1-1. Pinouts
Note:
1. The metal pad on the bottom of the UDFN package is not internally connected to a voltage potential.
This pad can be a “no connect” or connected to GND.
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP
8-lead SOIC
Top View
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
8-pad UDFN
Top View
(Through Package)
SCK
GND
VCC
WP
NC
CS
SO
SI
RST
9-ball UBGA
Top View
(Through Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com