Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321E Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button AT45DB321E_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 49Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 50Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 51Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 52Page - List of Unclassifed Manufacturers AT45DB321E_13 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
AC
Driving
Levels
AC
Measurement
Level
0.1V
CC
V
CC/2
0.9V
CC
tR, tF < 2ns (10% to 90%)
49
AT45DB321E
8784F–DFLASH–11/2013
18.5 Program and Erase Characteristics
Notes: 1. Values are based on device characterization, not 100% tested in production.
2. Not 100% tested (value guaranteed by design and characterization).
19.
Input Test Waveforms and Measurement Levels
20.
Output Test Load
Symbol
Parameter
Min
Typ
Max
Units
tEP
Page Erase and Programming Time (512/528 bytes)
17
35
ms
tP
Page Programming Time
3
4
ms
tBP
Byte Programming Time
8
μs
tPE
Page Erase Time
12
35
ms
tBE
Block Erase Time
45
100
ms
tSE
Sector Erase Time
0.7
1.4
s
tCE
Chip Erase Time
45
80
s
tSUSP
Suspend Time
Program
10
15
μs
Erase
20
30
tRES
Resume Time
Program
10
15
μs
Erase
20
30
tOTPP
OTP Security Register Program Time
200
500
μs
Device
Under
Test
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com