Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6387 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6387
Description  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6387 Datasheet(HTML) 2 Page - STMicroelectronics

  L6387 Datasheet HTML 1Page - STMicroelectronics L6387 Datasheet HTML 2Page - STMicroelectronics L6387 Datasheet HTML 3Page - STMicroelectronics L6387 Datasheet HTML 4Page - STMicroelectronics L6387 Datasheet HTML 5Page - STMicroelectronics L6387 Datasheet HTML 6Page - STMicroelectronics L6387 Datasheet HTML 7Page - STMicroelectronics L6387 Datasheet HTML 8Page - STMicroelectronics L6387 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
THERMAL DATA
Symbol
Parameter
SO8
Minidip
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
150
100
°C/W
PIN DESCRIPTION
N.
Name
Type
Function
1
LIN
I
Lower Driver Logic Input
2
HIN
I
Upper Driver Logic Input
3
Vcc
I
Low Voltage Power Supply
4
GND
Ground
5
LVG (*)
O
Low Side Driver Output
6
VOUT
O
Upper Driver Floating Reference
7
HVG (*)
O
High Side Driver Output
8
Vboot
Bootstrap Supply Voltage
(*) The circuit guarantees 0.3V maximum on the pin (@ Isink = 10mA). This allows to omit the "bleeder" resistor connected between the gate
and the source of the external MOSFET normally used to hold the pin low.
Vcc
HIN
LIN
GND
1
3
2
4LVG
OUT
HVG
Vboot
8
7
6
5
D97IN517
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vout
Output Voltage
-3 to Vboot - 18
V
Vcc
Supply Voltage
- 0.3 to +18
V
Vboot
Floating Supply Voltage
- 1 to 618
V
Vhvg
Upper Gate Output Voltage
- 1 to Vboot
V
Vlvg
Lower Gate Output Voltage
-0.3 to Vcc +0.3
V
Vi
Logic Input Voltage
-0.3 to Vcc +0.3
V
dVout/dt
Allowed Output Slew Rate
50
V/ns
Ptot
Total Power Dissipation (Tj = 85 °C)
750
mW
Tj
Junction Temperature
150
°C
Ts
Storage Temperature
-50 to 150
°C
Note: ESD immunity for pins 6, 7 and 8 is guaranteed up to 900V (Human Body Model)
L6387
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com