Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6387 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6387
Description  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6387 Datasheet(HTML) 3 Page - STMicroelectronics

  L6387 Datasheet HTML 1Page - STMicroelectronics L6387 Datasheet HTML 2Page - STMicroelectronics L6387 Datasheet HTML 3Page - STMicroelectronics L6387 Datasheet HTML 4Page - STMicroelectronics L6387 Datasheet HTML 5Page - STMicroelectronics L6387 Datasheet HTML 6Page - STMicroelectronics L6387 Datasheet HTML 7Page - STMicroelectronics L6387 Datasheet HTML 8Page - STMicroelectronics L6387 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
RECOMMENDED OPERATING CONDITIONS
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vout
6
Output Voltage
Note 1
580
V
Vboot-
Vout
8
Floating Supply Voltage
Note 1
17
V
fsw
Switching Frequency
HVG,LVG load CL = 1nF
400
kHz
Vcc
2
Supply Voltage
17
V
Tj
Junction Temperature
-45
125
°C
Note 1: If the condition Vboot - Vout < 18V is guaranteed, Vout can range from -3 to 580V.
ELECTRICAL CHARACTERISTICS
AC Operation (Vcc = 15V; Tj = 25°C)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ton
1 vs 7
High/Low Side Driver Turn-On
Propagation Delay
Vout = 0V
110
ns
toff
2 vs 5
High/Low Side Driver Turn-Off
Propagation Delay
Vout = 600V
105
ns
tr
7,5
Rise Time
CL = 1000pF
50
ns
tf
7,5
Fall Time
CL = 1000pF
30
ns
DC OPERATION (Vcc = 15V; Tj = 25°C)
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Low Supply Voltage Section
Vcc
3
Supply Voltage
17
V
Vccth1
Vcc UV Turn On Threshold
5.5
6
6.5
V
Vccth2
Vcc UV Turn Off Threshold
5
5.5
6
V
Vcchys
Vcc UV Hysteresis
0.5
V
Iqccu
Undervoltage Quiescent Supply
Current
Vcc
≤ 9V
150
220
µA
Iqcc
Quiescent Current
Vcc = 15V
250
320
µA
Rdson
Bootstrap Driver on Resistance (*)
Vcc
≥ 12.5V
125
Ω
Bootstrapped supply Voltage Section
VBS
8
Bootstrap Supply Voltage
17
V
IQBS
VBS Quiescent Current
HVG ON
200
µA
ILK
High Voltage Leakage Current
VS = VB = 600V
10
µA
High/Low Side Driver
Iso
5,7
Source Short Circuit Current
VIN = Vih (tp < 10
µs)
300
400
mA
Isi
Sink Short Circuit Current
VIN = Vil (tp < 10
µs)
450
650
mA
Logic Inputs
Vil
2,3
Low Level Logic Threshold Voltage
1.5
V
Vih
High Level Logic Threshold Voltage
3.6
V
Iih
High Level Logic Input Current
VIN = 15V
50
70
µA
Iil
Low Level Logic Input Current
VIN = 0V
1
µA
(*) RDSON is tested in the following way: RDSON
=
(VCC − VCBOOT1) − (VCC − VCBOOT2)
I1
(VCC,VCBOOT1) − I2(VCC,VCBOOT2)
where I1 is pin 8 current when VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2.
L6387
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com