Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9822E Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9822E
Description  Octal serial solenoid driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9822E Datasheet HTML 3Page - STMicroelectronics L9822E Datasheet HTML 4Page - STMicroelectronics L9822E Datasheet HTML 5Page - STMicroelectronics L9822E Datasheet HTML 6Page - STMicroelectronics L9822E Datasheet HTML 7Page - STMicroelectronics L9822E Datasheet HTML 8Page - STMicroelectronics L9822E Datasheet HTML 9Page - STMicroelectronics L9822E Datasheet HTML 10Page - STMicroelectronics L9822E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
L9822E
Pin description
7/17
2.1
Pin description
Table 2.
Pin function
PowerSO20
pin #
Multiwatt15
pin #
Name
Function
1, 10, 11, 20
8
GND
Device ground.
This ground applies for the logic circuits as well as the
power output stages.
29
SO
Serial output.
This pin is the serial output from the shift register and it is
tri-stated when CE is high. A high for a data bit on this pin
indicates that the particular output is high. A low on this
pin for a data bit indicates that the output is low.
Comparing the serial output bits with the previous serial
input bits the external microcontroller implements the
diagnostic data supplied by the L9822E.
310
VCC
Logic supply voltage - nominally 5V.
4
11
RESET
Asynchronous reset for the output stages, the parallel
latch and the shift register inside the
L9822E. This pin is
active low and it must not be left floating. A power on clear
function may be implemented connecting this pin to VCC
with an external resistor and to ground with an external
capacitor.
5-8, 13-16
1-4, 12-15
OUTPUT
1-7
Power output pins.
The input and output bits corresponding to 07 are sent
and received first via the SPI bus and 00 is the last. The
outputs are provided with current limiting and voltage
sense functions for fault indication and protection. The
nominal load current for these outputs is 500mA, but the
current limiting is set to a minimum of 1.05A.
The outputs also have on board clamps set at about 36V
for recirculation of inductive load current.
9,12
-
N.C.
Pins not connected.
17
5
CE
Chip enable.
Data is transferred from the shift registers to the outputs
on the rising edge of this signal. The falling edge of this
signal sets the shift register with the output voltage sense
bits coming from the output stages. The output driver for
the SO pin is enabled when this pin is low.
18
6
SCLK
Serial clock.
This pin clocks the shift register. New SO data will appear
on every rising edge of this pin and new SI data will be
latched on every SCLK’s falling edge into the shift
register.
19
7
SI
Serial input.
This pin is the serial data input. A high on this pin will
program a particular output to be OFF, while a low will
turn it ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com