Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9822E Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9822E
Description  Octal serial solenoid driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822E Datasheet(HTML) 1 Page - STMicroelectronics

  L9822E Datasheet HTML 1Page - STMicroelectronics L9822E Datasheet HTML 2Page - STMicroelectronics L9822E Datasheet HTML 3Page - STMicroelectronics L9822E Datasheet HTML 4Page - STMicroelectronics L9822E Datasheet HTML 5Page - STMicroelectronics L9822E Datasheet HTML 6Page - STMicroelectronics L9822E Datasheet HTML 7Page - STMicroelectronics L9822E Datasheet HTML 8Page - STMicroelectronics L9822E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 2013
Rev 3
1/17
1
L9822E
Octal serial solenoid driver
Features
■ Eight low RDSon DMOS outputs (0.5  @ IO =
1 A @ 25 °C VCC = 5 V ± 5 %)
■ 8 bit serial input data (SPI)
■ 8 bit serial diagnostic output for overload and
open circuit conditions
■ Output short circuit protection
■ Chip enable select function (active low)
■ Internal 36 V clamping for each output
■ Cascadable with another octal driver
■ Low quiescent current (10 mA Max.)
■ Multipower BCD technology
■ Package Multiwatt 15 and PowerSO-20
Description
The L9822E is an octal low-side solenoid driver
realized in Multipower BCD technology
particularly suited for driving lamps, relays and
solenoids in automotive environment. The DMOS
outputs L9822E has a very low power
consumption.
Data is transmitted serially to the device using the
Serial Peripheral Interface (SPI) protocol.
Status monitor function is available on all output
lines.
PowerSO-20
Multiwatt 15
Table 1.
Device summary
Order code
Package
Packing
L9822E
Multiwatt 15
Tube
L9822EPD
PowerSO-20
Tube
www.st.com


Similar Part No. - L9822E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9822E STMICROELECTRONICS-L9822E Datasheet
112Kb / 11P
OCTAL SERIAL SOLENOID DRIVER
Sep-1994
L9822E STMICROELECTRONICS-L9822E Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822ED STMICROELECTRONICS-L9822ED Datasheet
112Kb / 11P
OCTAL SERIAL SOLENOID DRIVER
Sep-1994
L9822EPD STMICROELECTRONICS-L9822EPD Datasheet
112Kb / 11P
OCTAL SERIAL SOLENOID DRIVER
Sep-1994
L9822EPD STMICROELECTRONICS-L9822EPD Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
More results

Similar Description - L9822E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9822E STMICROELECTRONICS-L9822E Datasheet
112Kb / 11P
OCTAL SERIAL SOLENOID DRIVER
Sep-1994
L9822N STMICROELECTRONICS-L9822N Datasheet
87Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-1997
L98SI STMICROELECTRONICS-L98SI Datasheet
77Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Apr-1998
L9822E STMICROELECTRONICS-L9822E_02 Datasheet
1Mb / 10P
OCTAL SERIAL SOLENOID DRIVER
Jan-2002
L9822N STMICROELECTRONICS-L9822N_03 Datasheet
737Kb / 9P
OCTAL SERIAL SOLENOID DRIVER
Oct-2003
logo
Pepperl+Fuchs Inc.
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
Solenoid Driver
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
Solenoid Driver
KCD2-SLD-EX1.1065 PF-KCD2-SLD-EX1.1065 Datasheet
1Mb / 5P
Solenoid Driver
logo
Maxim Integrated Produc...
MAX22200 MAXIM-MAX22200 Datasheet
874Kb / 45P
36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com