Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI101 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3HDMI101
Description  1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI101 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI101 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
PS8924C
10/05/09
PI3HDMI101
1:1 Active HDMITM Redriver with
Optimized Equalization & I2C Buffer
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
Switching Characteristics (over recommended operating conditions unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Units
TMDS Differential Pins
tpd
Propagation delay
VDD = 3.3V, RT = 50-ohm,
pre-emphasis/de-emphasis = 0dB
2000
ps
tr
Differential output signal rise time (20%
- 80%)
75
240
tf
Differential output signal fall time (20%
- 80%)
75
240
tsk(p)
Pulse skew
10
50
tsk(D)
Intra-pair differential skew
23
50
tsk(o)
Inter-pair differential skew(2)
100
tCLKjit(pp)
Peak-to-peak output jitter for TMDS clock
channel
pre-emphasis/de-emphasis = 0dB,
Data Inputs = 1.65 Gbps HDMI data
pattern
CLK input = 165 MHz clock
15
30
tDatajit(pp)
Peak-to-peak output jitter for TMDS data
channels
18
50
tDE
De-emphasis duration
de-emphasis = -3.5dB, Data Inputs =
250 Mbps HDMI data pattern,
CLK output = 25 MHz clock
240
tSX
Select to switch output
10
ns
ten
Enable time
200
tdis
Disable time
10
I2C PINS (SCL_R, SDA_R, SCL_T, SDA_T)
tPLH
Propagation delay time, low-to-high-level
output SCL_T/SDA_T to SCL_R/SDA_R
IADJ = VDD
CLOAD = 300 pF
Tbuffer : Rpu = 2K, Vpu = 3.0V
500
ns
tPHL
Propagation delay time, high-to-low-level
output SCL_T/SDA_T to SCL_R/SDA_R
136
tPLH
Propagation delay time, low-to-high-level
output SCL_T/SDA_T to SCL_R/SDA_R
Rbuffer : Rpu = 1.2K, Vpu = 3.3V or
Rpu = 1.8K, Vpu = 5V
IADJ = GND
CLOAD = 100 pF
450
tPHL
Propagation delay time, high-to-low-level
output SCL_T/SDA_T to SCL_R/SDA_R
136
tr
SCL_T/SDA_T Output signal rise time
See Fig. A
999
tf
SCL_T/SDA_T Output signal fall time
90
tr
SCL_R/SDA_R Output signal rise time
999
tf
SCL_R/SDA_R Output signal fall time
90
tset
Enable to start condition
6
10
thold
Enable after stop condition
6
10
I2C Pins (SCL_R, SDA_R Port)
Iikg
Input leakage current
VI = 5.5 V
-50
50
μA
VI = VDD
-10
10
IOH
High-level output current
VO = 3.6 V
-10
10
IIL
Low-level input current
VIL = GND
-10
10
VOL
Low-level output voltage
IOL = 4 mA, IADJ = H
0.2
V
CI
Input capacitance
VI = 5.0 V or 0 V, Freq = 100kHz
25
pF
VI = 3.0 V or 0 V, Freq = 100kHz
10
09-0055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com