Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI101 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI3HDMI101
Description  1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI101 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI101 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3HDMI101 Datasheet HTML 14Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
PS8924C
10/05/09
PI3HDMI101
1:1 Active HDMITM Redriver with
Optimized Equalization & I2C Buffer
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
Requirements on the Decoupling Capacitors
There is no special requirement on the material of the capacitors. Ceramic capacitors are generally being used with typically materi-
als of X5R or X7R.
Layout and Decoupling CapacitorPlacement Consideration
i.
Each 0.1μF decoupling capacitor should be placed as close as possible to each VDD pin.
ii. VDD and GND planes should be used to provide a low impedance path for power and ground.
iii. Via holes should be placed to connect to VDD and GND planes directly.
iv. Trace should be as wide as possible
v.
Trace should be as short as possible.
vi. The placement of decoupling capacitor and the way of routing trace should consider the power flowing criteria.
vii. 10μF capacitor should also be placed closed to our part and should be placed in the middle location of 0.1μF capacitors.
viii. Avoid the large current circuit placed close to our part; especially when it is shared the same VDD and GND planes. Since large
current flowing on our VDD or GND planes will generate a potential variation on the VDD or GND of our part.
Figure 2 Layout and Decoupling Capacitor Placement Diagram
Pe r i c o m Par t
GN D Pl a n e
V DD P l a n e
0. 1uF
Bypass noise
Power Flow
09-0055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com