Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY71 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BCY71
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY71 Datasheet(HTML) 3 Page - Continental Device India Limited

  BCY71 Datasheet HTML 1Page - Continental Device India Limited BCY71 Datasheet HTML 2Page - Continental Device India Limited BCY71 Datasheet HTML 3Page - Continental Device India Limited BCY71 Datasheet HTML 4Page - Continental Device India Limited BCY71 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 , 71, 72
TO-18
Metal Can Package
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS
Delay time
td
IC=10mA,IBon=IBOff=1mA
35
ns
Rise time
tr
IC=10mA,IBon=IBOff=1mA
35
ns
Turn on Time
ton
IC=10mA,IBon=IBOff=1mA
65
Storage time
ts
IC=10mA,IBon=IBOff=1mA
350
ns
Fall time
tf
IC=10mA,IBon=IBOff=1mA
80
ns
Turn Off Time
toff
IC=10mA,IBon=IBOff=1mA
420
ns
Continental Device India Limited
Data Sheet
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com