Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY71 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCY71
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY71 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCY71 Datasheet HTML 1Page - Continental Device India Limited BCY71 Datasheet HTML 2Page - Continental Device India Limited BCY71 Datasheet HTML 3Page - Continental Device India Limited BCY71 Datasheet HTML 4Page - Continental Device India Limited BCY71 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 , 71, 72
TO-18
Metal Can Package
General Purpose Industrial Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BCY70 BCY71 BCY72
UNIT
Collector Emitter Voltage
VCEO
40
45
25
V
Collector Base Voltage
VCBO
50
45
30
V
Emitter Base Voltage
VEBO
55
5
V
Collector Current Continuous
IC
200
mA
Collector Current Peak
ICM
200
mA
Power Dissipation @Ta=25ºC
PD
350
mW
Derate Above 25ºC
2
mW/ºC
Operating Storage and Junction
Tstg
-65 to +200
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
500
ºC/W
Junction to Case
Rth(j-c)
150
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
BCY70 BCY71 BCY72
UNIT
Collector Emitter Breakdown Voltage
BVCEO IC=1mA,IB=0
>40
>45
>25
V
Collector Base Breakdown Voltage
BVCBO IC=100µA.IE=0
>50
>45
>30
V
Emitter Base Breakdown Voltage
BVEBO IE=100µA, IC=0
>5
>5
>5
V
Collector Cut off Current
ICBO
VCB=40V, IE=0
<10
<50
nA
VCB=25V, IE=0
<50
nA
VCB=40V, IE=0
<0.5
<2.0
µA
Tj = 100ºC
VCB=25V, IE=0
<2
µA
Tj = 100ºC
VCB=VCBO MAX, IE=0
<500
<500
<500
nA
Collector Cut off Current
ICEX
VCE =50V, VEB =3V
<20
nA
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCY71

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY71 PHILIPS-BCY71 Datasheet
51Kb / 8P
PNP general purpose transistors
1997 Jul 11
logo
STMicroelectronics
BCY71 STMICROELECTRONICS-BCY71 Datasheet
133Kb / 5P
GENERAL PURPOSE AMPLIFIERS
Oct 1988
logo
Micro Electronics
BCY71 MICRO-ELECTRONICS-BCY71 Datasheet
173Kb / 2P
PNP SILICON TRANSISTORS
logo
Central Semiconductor C...
BCY71 CENTRAL-BCY71 Datasheet
33Kb / 1P
Small Signal Transistors
logo
Seme LAB
BCY71 SEME-LAB-BCY71 Datasheet
49Kb / 3P
GENERAL PURPOSE PNP SILICON TRANSISTOR
More results

Similar Description - BCY71

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com