Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QT2032PRKCB Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # QT2032PRKCB
Description  10 Gb/s Serial-to-XAUI PHY ICs for Ethernet and Fibre Channel LAN/ SAN/WAN Applications (CDR)
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

QT2032PRKCB Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button QT2032PRKCB Datasheet HTML 9Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 10Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 11Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 12Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 13Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 14Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 15Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 16Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 220 page
background image
Revision 5.11
AppliedMicro - Confidential & Proprietary
13
QT2022/32 - Data Sheet: DS3051
Table 3:
QT2022/32 Ball Assignment & Signal Description
Ball
Signal Name
Dir.
Type
Description
CML Outputs
N6
N7
TXOUTP
TXOUTN
O
CML
9.95 - 10.5Gb/s transmit differential voltage outputs.
100
Ω differential impedance.
D14
D13
RxXAUI0P
RxXAUI0N
O
CML
3.125 Gb/s differential output data from QT2022/32 to XAUI interface - lane
0
A14
B14
RxXAUI1P
RxXAUI1N
O
CML
3.125 Gb/s differential output data from QT2022/32 to XAUI interface - lane
1
A12
B12
RxXAUI2P
RxXAUI2N
O
CML
3.125 Gb/s differential output data from QT2022/32 to XAUI interface - lane
2
A10
B10
RxXAUI3P
RxXAUI3N
O
CML
3.125 Gb/s differential output data from QT2022/32 to XAUI interface - lane
3
G13
G14
RXPLLOUTP
RXPLLOUTN
O
CML
Clock output from receive input data PLL
Used for monitoring only. Leave unconnected.
P1
P2
TXPLLOUTP
TXPLLOUTN
(REFCLK2P,
REFCLK2N)
O/I
CML
Configurable as either a differential transmit clock driver (default) or as a
reference clock input instead of EREFCLK (with MDIO bit 1.C001h.7=1).
The output clock frequency is controlled by MDIObit 1.C001h.2. The default
frequencies are:
With XFP=1: divide-by-64, can be used as reference clock to the XFP
module; 161.13 MHz (10GE) or 164.355 MHz (10GFC)
With XFP=0: divide-by-66; 156.25MHz (10GE) or 159.375 (10GFC)
Enabling the driver circuitry is controlled by MDIO bit 1.C001h.3. By default:
With XFP=1, the driver is enabled
With XFP=0, the driver is disabled
Note: for the case where the pin is configured as a reference clock input, the
driver circuitry is disabled.
H1
H2
VCXOCTLP
VCXOCTLN
O
CML
QT2032:
Output of phase-frequency detector which drives the external loop filter as
part of the VCXO control.
QT2022:
Unused. Leave unconnected.
CML Inputs
F1
F2
EREFCLKP
EREFCLKN
I
CML
LAN reference clock input for fiber-side TXPLL.
156.25 MHz (10GE) or 159.375 (10GFC)
On chip 50
Ω terminations to 1.2V. Requires external AC coupling.
M1
M2
SREFCLKP
SREFCLKN
I
CML
QT2032:
SONET reference clock input for fiber-side TXPLL in WAN-mode
155.52MHz or 622.08MHz selected by REFSEL622 pin;
AC coupled with on chip 50
Ω terminations to 1.2V
QT2022:
Unused. Leave unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com