Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QT2032PRKCB Datasheet(PDF) 21 Page - Applied Micro Circuits Corporation

Part # QT2032PRKCB
Description  10 Gb/s Serial-to-XAUI PHY ICs for Ethernet and Fibre Channel LAN/ SAN/WAN Applications (CDR)
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

QT2032PRKCB Datasheet(HTML) 21 Page - Applied Micro Circuits Corporation

Back Button QT2032PRKCB Datasheet HTML 17Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 18Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 19Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 20Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 21Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 22Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 23Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 24Page - Applied Micro Circuits Corporation QT2032PRKCB Datasheet HTML 25Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 220 page
background image
Revision 5.11
AppliedMicro - Confidential & Proprietary
21
QT2022/32 - Data Sheet: DS3051
5 Datapath Description
This section describes the functional blocks of the QT2022/32. These are illustrated in Figure 2.
Figure 2:
QT2022/32 Functional Block Diagram
5.1 Transmit Path
5.1.1 XAUI CDR and Demultiplexer
At the transmitter XAUI interface, clock and data are recovered for each of the four 3.125Gb/s input lanes. The dif-
ferential receivers used at this interface have 100
Ω differential input impedance and are intended to be AC coupled
or 1.2V CML DC coupled. The data on each channel is then demultiplexed/deserialized before being passed to the
next block. A clock is recovered for each lane. Each lane outputs a status bit, xtxlock<3:0>, which is high when the
CDR circuit is in lock. A phase-adjust FIFO aligns the four lanes using the Lane 1 recovered clock.
5.1.2 XAUI Code Synchronization
The XAUI interface demultiplexer has no prior knowledge of code word boundaries and must determine where
each 8B/10B character starts and ends. To achieve this, the code synchronization block searches the data stream
for the unique comma character, /K/, in order to determine the 10 bit code word boundaries for each lane. The
delimited code words are passed to the Frame Deskew block. The code synchronization status is displayed in Reg-
ister bits 4.18h.3:0.
The comma characters, /K/, are found in the XAUI data stream in the IPG between packets.
TXOUT
TxXAUI0
CDR
Driver
RXIN
Output
10b/8b
Decoder
Gearbox
Align
TxXAUI1
TxXAUI2
3.125 Gb/s
TxXAUI3
Scrambler
RxXAUI0
DRV
66b/64b
Decoder
Rate
Adjust
Frame
RxXAUI1
RxXAUI2
RxXAUI3
Sync
limiting
PMA
system
loopback
PMA
network
loopback
PCS
loopback
AMCC
XGXS
loopback
XGXS
loopback
network
system
AMCC
WIS
WIS
WIS
loopback
TX
8b/10b
Encoder
CDR
CDR
CDR
DRV
DRV
DRV
De-
scrambler
64b/66b
Encoder
Rate
Adjust
Phase
Adjust &
Demux
CDR
RX
Code
MDIO Control
Interface
MDIO
MDC
EEPROM / DOM
Interface
EEPROM_SDA
EEPROM_SCL
EEPROM_PROT
Sync
Code
Sync
Code
Sync
Code
Sync
amp
RXPLLOUT
freq
mon
sync_err
LOS
detector
LOSOUTB
Demux
TXPLLOUT
clock
generator
EREFCLK
SREFCLK
VXCOI
Mux
(QT2032
only)
(QT2032
only)
(QT2032 only)
(QT2032 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com