Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX41 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BCX41
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCX41 Datasheet(HTML) 2 Page - Continental Device India Limited

  BCX41 Datasheet HTML 1Page - Continental Device India Limited BCX41 Datasheet HTML 2Page - Continental Device India Limited BCX41 Datasheet HTML 3Page - Continental Device India Limited BCX41 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 3 of 5
97
SOT-23
SMD Plastic Package
D
C
G
G
F
R
S
K
R
T
L
K
N
M
P
3
2
1
DIM
Min
Max
A
.20
.40
B
2.0
2.64
C
.85
.95
D
2.80
3.04
E
0.54
0.67
F
0.30
0.50
G
3º
H
—
.30
J
2.0
2.64
DIM
Min
Max
K
7º
L
0.08
0.20
M
0.58
0.62
N
0.70
.02
O
0.2
—
P
0.02
0.5
R
—
0.08
S
2°
8°
T
2°
0°
Packaging Tape Specifications for SMD Packages
CMBD120554, CMBD1205
CMBD1204, CMBD1205
BCX41
SOT-23
Formed SMD Package
BCX41 Rev 240310E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com