Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX41 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCX41
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCX41 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCX41 Datasheet HTML 1Page - Continental Device India Limited BCX41 Datasheet HTML 2Page - Continental Device India Limited BCX41 Datasheet HTML 3Page - Continental Device India Limited BCX41 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
BCX41
SOT-23
Formed SMD Package
MARKING
BCX41=EK
Medium Power Transistor
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNITS
Collector Emitter Voltage
VCES
V
Collector Emitter Voltage
VCEO
V
Emitter Base Voltage
VEBO
V
Peak Pulse Current
ICM
A
Continuous Collector Current
IC
mA
Base Current
IB
mA
Power Dissipation
Ptot
mW
Operating and Storage Temperature
Range
Tj,Tstg
ºC
Electrical Characterstics (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Collector Base Cut Off Current
ICES
VCE=100V, VBE=0
100
nA
VCE=100V, VBE=0, Tamb=150ºC
10
µA
Collector Cut Off Current
ICEX
VCE=100V, VBE=0.2V, Tamb=85ºC
10
µA
VCE=100V, VBE=0.2V, Tamb=125ºC
75
µA
Emitter Cut Off Current
IEBO
VEB=4V, IC=0
100
nA
Collector Emitter Saturation Voltage
*VCE (sat)
IC=300mA, IB=30mA
0.9
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=300mA, IB=30mA
1.4
V
DC Current Gain
hFE
IC=100µA, VCE=1V
25
*IC=100mA, VCE=1V
63
*IC=200mA, VCE=1V
40
Transition Frequency
fT
IC=10mA, VCE=5V, f=20 MHz
100
MHz
Output Capacitance
CobO
VCB=10V, IE=0, f=1MHz
12
pF
*Pulse width=300
µµs, duty cycle=2%
BCX41 Rev 240310E
1.0
100
- 55 to +150
VALUE
125
125
5.0
800
330
PIN CONFIGURATION (NPN)
1 = BASE
2 = EM ITTER
3 = COLLECTOR
2
1
3
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCX41

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCX41 SIEMENS-BCX41 Datasheet
140Kb / 4P
NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BCX41 INFINEON-BCX41 Datasheet
50Kb / 5P
NPN Silicon AF and Switching Transistors
Aug-20-2001
logo
Guangdong Kexin Industr...
BCX41 KEXIN-BCX41 Datasheet
37Kb / 1P
Medium Power Transistor
logo
Infineon Technologies A...
BCX41 INFINEON-BCX41 Datasheet
76Kb / 7P
NPN Silicon AF and Switching Transistor
2007-04-20
More results

Similar Description - BCX41

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com