Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX17 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BCX17
Description  SOT-23 Formed SMD Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCX17 Datasheet(HTML) 2 Page - Continental Device India Limited

  BCX17 Datasheet HTML 1Page - Continental Device India Limited BCX17 Datasheet HTML 2Page - Continental Device India Limited BCX17 Datasheet HTML 3Page - Continental Device India Limited BCX17 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 4
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
BCX17
BCX18
Collector–emitter voltage (VBE = 0)
–VCES max. 50
30 V
Collector–emitter voltage
–IC = 10 mA (see Fig. 2)
–VCE0 max. 45
25 V
Emitter–base voltage (open collector)
–VEB0 max.
5
5 V
Collector current (d.c.)
–I C
max.
500
mA
Collector current (peak value)
–ICM max.
1000
mA
Emitter current (peak value)
IEM
max.
1000
mA
Base current (d.c.)
–lB
max.
100
mA
Base current (peak value)
–IBM max.
200
mA
Total power dissipation up to Tamb = 25 °C*
Ptot
max.
250
mW
Storage temperature
Tstg
–55 to +150
° C
Junction temperature
Tj
max.
150
° C
THERMAL RESISTANCE
From junction to ambient
Rth j–a
=
500 K/W
CHARACTERISTICS
Tj = 25 °C unless otherwise specified
Collector cut–off current
IE = 0; –VCB = 20 V
–ICB0 <
100
nA
IE = 0; –VCB = 20V; Tj = 150°C
–ICB0 <5
µA
Emitter cut–off current
IC = 0; –VEB = 5V
–IEB0 <10
µA
Base–emitter voltage ·
—IC = 500 mA; –VCE = 1 V
–VBE <
1,2
V
Saturation voltage
–IC = 500 mA; –lB = 50 mA
–VCEsat<
620
mV
D.C. current gain
–IC = 100 mA; –VCE = 1 V
hFE
100 to 600
–IC = 300 mA; –VCE = 1 V
hFE
>70
–IC = 500 mA; –VCE = 1 V
hFE
>40
Transition frequency at f = 35 MHz
–IC = 10 mA; –VCE = 5 V
fT
typ.
100
MHz
Collector capacitance at f = 1 MHz
IE = Ie = 0; –VCB = 10 V
Cc
typ.
8
pF
BCX17
BCX18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com