Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX17 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCX17
Description  SOT-23 Formed SMD Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCX17 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCX17 Datasheet HTML 1Page - Continental Device India Limited BCX17 Datasheet HTML 2Page - Continental Device India Limited BCX17 Datasheet HTML 3Page - Continental Device India Limited BCX17 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 4
SILICON PLANAR EPITAXIAL TRANSISTORS
P–N–P transistors
Marking
BCX17 = T1
BCX18 = T2
ABSOLUTE MAXIMUM RATINGS
BCX17
BCX18
Collector–emitter voltage (VBE = 0)
–VCES max. 50
30 V
Collector–emitter voltage (open base)
–VCE0 max. 45
25 V
Collector current (peak value)
–ICM max.
1000
mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250
mW
Junction temperature
Tj
max.
150
° C
D.C. current gain
–IC = 100 mA; –VCE = 1 V
hFE
100 to 600
Transition frequency
–IC = 10 mA; –VCE = 5 V; f = 35 MHz
fT
typ.
100
MHz
BCX17
BCX18
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCX17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
logo
Zetex Semiconductors
BCX17 ZETEX-BCX17 Datasheet
37Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diotec Semiconductor
BCX17 DIOTEC-BCX17 Datasheet
176Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BCX17 FAIRCHILD-BCX17 Datasheet
45Kb / 3P
PNP General Purpose Amplifier
logo
Guangdong Kexin Industr...
BCX17 KEXIN-BCX17 Datasheet
38Kb / 1P
PNP General Purpose Transistors
More results

Similar Description - BCX17

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
SOT-23 PACKAGE
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
SOT-23 PACKAGE
KDR721S KEC-KDR721S_05 Datasheet
16Kb / 1P
SOT-23 PACKAGE
KDS135S KEC-KDS135S Datasheet
348Kb / 1P
SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
SOT-23 PACKAGE
logo
Hi-Sincerity Mocroelect...
HBAV70 HSMC-HBAV70_04 Datasheet
35Kb / 4P
Small SMD Package (SOT-23)
HBAV99 HSMC-HBAV99_04 Datasheet
36Kb / 4P
Small SMD Package (SOT-23)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com