Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCP54
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCP54 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCP54 Datasheet HTML 1Page - Continental Device India Limited BCP54 Datasheet HTML 2Page - Continental Device India Limited BCP54 Datasheet HTML 3Page - Continental Device India Limited BCP54 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BCP54 BCP55 BCP56
SOT-223
Formed SMD Package
General Purpose Medium Power DC Applications
Complementary BCP51 BCP52 and BCP53
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BCP54
BCP55
Collector Base Voltage
VCBO
45
60
100
Collector Emitter Voltage
VCEO
45
60
80
Emitter Base Voltage
VEBO
Collector Current (DC)
IC
Collector Current Peak
ICM
Base Current Peak
IBM
Power Dissipation upto Tamb=25ºC
*PD
Storage Temperature
Tstg
Junction Temperature
Tj
Operating Ambient Temperature
Tamb
THERMAL RESISTANCE
From junction to ambient
*Rth (j-a)
From junction to soldering point
Rth (j-a)
* Device Mounted on printed circuit board, single sided copper, tinplated, mounting pad for collector 1 cm
2.
ABSOLUTE MAXIMUM RATINGS (Tamb=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB=30V, IE=0
100
nA
VCB=30V, IE=0, Tj=125ºC
10
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
100
nA
DC Current Gain
hFE
IC=5mA, VCE=2V
63
IC=150mA, VCE=2V
63
250
IC=500mA, VCE=2V
40
DC Current Gain
hFE
IC=150mA, VCE=2V
Group -10
63
160
Group -16
100
250
Collector Emitter Saturation Voltage
VCE (sat)
IC=0.5A, IB=50mA
0.5
V
Base Emitter On Voltage
VBE (on)
IC=0.5A, VCE=2V
1.0
V
Transition Frequency
fT
IC=10mA, VCE=5V,f=100MHz
130
MHz
DC Current Gain Ratio of the
Complementary Pairs
hFE1/hFE2
IC=150mA, VCE=2V
1.6
BCP54_56Rev011104E
- 65 to +150
ºC
94
13
K/W
K/W
W
ºC
ºC
150
0.2
1.33
- 65 to +150
UNITS
V
V
V
A
A
A
BCP56
5.0
1.0
1.5
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP54 FAIRCHILD-BCP54 Datasheet
39Kb / 4P
NPN General Purpose Amplifier
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCP54

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com