Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC368 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC368
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC368 Datasheet(HTML) 2 Page - Continental Device India Limited

  BC368 Datasheet HTML 1Page - Continental Device India Limited BC368 Datasheet HTML 2Page - Continental Device India Limited BC368 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
DC Current Gain
hFE
IC=5mA, VCE=10V
50
-
-
IC=500mA, VCE=1V
85
-
375
hFE Group IC=500mA, VCE=1V
-10
63
160
-16
100
250
-25
160
400
IC=1A, VCE=1V
60
-
DYNAMIC CHARACTERISTICS
Collector Capacitance
Cc
IE=0, VCB=5V, f=450kHz
-
-
40
pF
Transition frequency
ft
IC=10mA,VCE=5V,f=35MHZ
40
-
MHz
TO-92 Transistors on Tape and Ammo Pack
TO-92 Plastic Package
TO-92 Bulk
TO-92 T&A
1K/polybag
2K/ammo box
200 gm/1K pcs
645 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5.0K
2.0K
17" x 15" x 13.5"
17" x 15" x 13.5"
80.0K
32.0K
23 kgs
12.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
CUM ULAT IVE P ITCH
E RRO R 1.0 m m/20
PITCH
TO B E M E AS URE D AT
B OT TOM O F CLINCH
AT TO P O F BO DY
t1 0.3 - 0.6
B ODY W IDTH
B ODY HE IG HT
BODY T HICKNESS
P ITCH O F CO M P ONE NT
FEED HO LE PIT CH
FE E D HO LE C ENT RE TO
CO M PO NE NT CE NT RE
DISTANCE BETW E EN OUT ER
LE AD S
CO M PO NE NT A LIGNM E NT
TAPE W IDTH
HO LD-DO W N TA P E W IDT H
HO LE PO SITION
HO LD-DO W N TAPE PO SITIO N
LE AD W IRE CLINC H HE IGHT
CO M PO NE NT HE IG HT
LE NGT H OF SNIPPED LEADS
FEED HO LE D IAM ETER
TOTA L TAPE THICKNESS
LE AD - TO - LE AD D ISTA NCE F1,
CLINCH H EIG HT
P ULL - O UT F ORCE
ITE M
A1
A
T
P
Po
P2
F
h
W
Wo
W1
W2
Ho
H1
L
Do
t
F2
H2
(P )
SYMBO L
S P ECIF ICATIO N
4.0
4.8
3.9
6N
MIN.
12.7
12.7
6.35
5.08
0
18
6
9
0.5
16
4
2.54
NO M .
4.8
5.2
4.2
1
23.25
11.0
1.2
3
MA X.
±1
±0.3
±0.4
+0.6
-0.2
±0.5
±0.2
+0.7
-0.5
±0.2
±0.5
±0.2
+0.4
-0.1
TOL .
RE M A RKS
NOTES
1 . M A XIM U M A L IG NM E N T D E V IAT IO N BE T W EE N L E AD S NOT T O BE GR EAT E R T H AN 0 .2 m m .
2. M A X IM U M N O N -C U M U LATIVE VA R IAT IO N B E TW E E N TA PE F EED HO LE S SH ALL N O T EXC EE D 1 m m IN 20
P IT C H E S .
3. H O LD DO W N TAPE NO T TO EXC EE D B EYO N D TH E E D G E (S ) O F C A RR IE R TA PE AND TH ER E SH ALL B E N O
EX PO SU RE OF AD HES IVE.
4. N O M O R E TH AN 3 C O NS EC UTIV E M ISS IN G C O M P ON EN TS A R E PER M ITTE D.
5. A TA P E TR AILER , H AV ING AT LEA S T TH RE E FE ED HO LES AR E RE Q U IR ED AFTE R TH E LA ST C O M P ON EN T.
6. SP LICE S SH ALL N O T IN TE RFE R E W ITH THE SPR O C K E T FE ED H O LE S.
All dim ensions in mm unless specified otherwise
Amm o Pack Style
Ad hesive Tape on Top Side
FLAT SIDE
MECHANIC AL DATA
T
t1
t
F1
F2
F
P2
Po
Do
(p )
W2
Wo
W1
W
H1
A
A1
P
H0
L
Flat S ide o f Trans istor a nd
Ad hesive Tape Visible
200 0 pcs./A mm o P ack
LA BE L
Carrier
Strip
8.2"
13"
FE
ED
1.77
"
h
h
B
3 2 1
D
A A
SEC AA
G
D
F
F
3 2 1
3
2
1
DIM
M IN.
M AX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F5 DEG
G
1.14
1.40
H
1.14
1.53
K
12.70
—
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EM ITTER
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com