Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC368 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC368
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC368 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC368 Datasheet HTML 1Page - Continental Device India Limited BC368 Datasheet HTML 2Page - Continental Device India Limited BC368 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
BC368
TO-92
BCE
Transistor in TO-92 Plastic Package Intended for Low Voltage, High Current LF
Applications, Suitable for Class-B Audio Output Stages up to 3W
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCES
25
V
Collector -Emitter Voltage
VCEO
20
V
Emitter- Base Voltage
VEBO
5.0
V
Collector- Current
IC
1.0
A
Collector- Current Peak Value
ICM
2.0
A
Base- Current
IB
100
mA
Base- Current Peak Value
IBM
200
mA
Power Dissipation @ Ta=25 deg C
PTA
0.8
W
@ Tc=25 deg C
PTC
1.0
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-65 to +150
deg C
Thermal Resistance
Junction to Ambient in Free Air
Rth (j-a)
156
deg C/W
Junction to Ambient *
Rth (j-a)
125
deg C/W
Junction to Case
Rth (j-c)
60
deg C/W
*Mounted on printed-circuit board , maximum lead length 4mm, mounting
pad for collector lead min 10 mm x10 mm
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut- off Current
ICBO
IE=0, VCB=25V
-
-
10
uA
-
Tj=150 deg C
IE=0, VCB=25V
-
-
1.0
mA
Emitter Cut- off Current
IEBO
VEB=5V, IC=0
-
-
10
uA
Base- Emitter on Voltage
VBE(on)
IC=5mA, VCE=10V
-
0.7
V
IC=1A, VCE=1V
-
1.0
V
Collector- Emitter Saturation Voltage
VCE(Sat)
IC=1A, IB=100mA
-
-
0.5
V
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC368

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
Amplifier Transistors
May, 2004 ??Rev. 4
logo
NXP Semiconductors
BC368 PHILIPS-BC368 Datasheet
43Kb / 8P
NPN medium power transistor
1999 Apr 26
logo
Siemens Semiconductor G...
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
NPN Silicon AF Transistor (High current gain High collector current)
logo
Fairchild Semiconductor
BC368 FAIRCHILD-BC368 Datasheet
35Kb / 4P
NPN General Purpose Amplifier
More results

Similar Description - BC368

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com