Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC414C Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC414C
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC414C Datasheet(HTML) 1 Page - Continental Device India Limited

  BC414C Datasheet HTML 1Page - Continental Device India Limited BC414C Datasheet HTML 2Page - Continental Device India Limited BC414C Datasheet HTML 3Page - Continental Device India Limited BC414C Datasheet HTML 4Page - Continental Device India Limited BC414C Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC413, B, C
BC414, B, C
TO-92
Plastic Package
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNITS
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Power Dissipation at Ta=25ºC
PD
mW
Derate Above 25ºC
mW/ºC
Power Dissipation at Tc=25ºC
PD
W
Derate Above 25ºC
mW/ºC
Operating and Storage Junction
Temperature Range
TJ, Tstg
ºC
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
ºC/W
Junction to Ambient in free air
Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
BC413
BC414
UNITS
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
>30
>45
V
Collector Base Voltage
VCBO
IC=10µA, IE=0
>45
>50
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
V
Collector Cut Off Current
ICBO
VCB=30V, IE=0
nA
VCB=30V, IE=0, Ta= +125ºC
µA
Emitter Cut Off Voltage
IEBO
VEB=4V, IC=0,
nA
DC Current Gain
hFE
IC=10µA, VCE=5V, BC413/414
IC=2mA, VCE=5V
BC413B/414C
BC413C/414C
BC413/414
Collector Emitter Saturation Voltage
VCE (sat)
IC=10mA, IB=0.5mA
V
IC=10mA, IB=see *
V
**IC=100mA, IB=5mA
V
Base Emitter Saturation Voltage
VBE (sat)
**IC=100mA, IB=5mA
V
Base Emitter On Voltage
VBE (on)
IC=10µA, VCE=5V
V
IC=100µA, VCE=5V
V
IC=2mA, VCE=5V
V
*IB is Value for Which IC=11mA at VCE=1V
**Pulse test:- Pulse Width =300
µµs, Duty Cycle 2%
BC413_414Rev060706E
5.0
357
100
1.0
2.8
350
125
8.0
- 55 to +150
<15
<15
TYP0.55
0.55 - 0.75
BC413
BC414
30
45
45
50
380 - 800
180 - 800
>5.0
TYP0.52
<0.25
<0.6
<5.0
>100
180 - 460
TYP1.1
<0.6
C B
E
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC414C

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC414 MICRO-ELECTRONICS-BC414 Datasheet
130Kb / 2P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC414C

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com